Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 8Page - Renesas Technology Corp M37151 Datasheet HTML 9Page - Renesas Technology Corp M37151 Datasheet HTML 10Page - Renesas Technology Corp M37151 Datasheet HTML 11Page - Renesas Technology Corp M37151 Datasheet HTML 12Page - Renesas Technology Corp M37151 Datasheet HTML 13Page - Renesas Technology Corp M37151 Datasheet HTML 14Page - Renesas Technology Corp M37151 Datasheet HTML 15Page - Renesas Technology Corp M37151 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
11
Rev. 1.0
8. FUNCTIONAL DESCRIPTION
8.1 CENTRAL PROCESSING UNIT (CPU)
This microcomputer uses the standard 740 Family instruction set.
Refer to the table of 740 Family addressing modes and machine
instructions or the SERIES 740 <Software> User’s Manual for de-
tails on the instruction set.
Availability of 740 Family instructions is as follows:
The FST and SLW instructions cannot be used.
The MUL, DIV, WIT and STP instructions can be used.
8.1.1 CPU Mode Register
The CPU mode register includes the stack page selection bit and
internal system clock selection bit. The CPU mode register is allo-
cated at address 00FB16.
Fig. 8.1.1 CPU Mode Register
b7 b6 b5 b4 b3 b2 b1 b0
After reset RW
CPU Mode Register
0, 1
2
3, 4
0
1
Name
Functions
Processor mode bits
(CM0, CM1)
0 0: Single-chip mode
0 1:
1 0:
Not available
1 1:
Fix these bits to “1.”
1
Stack page selection
bit (CM2) (See note)
1
b1 b0
0: 0 page
1: 1 page
1
0
0
5
1
6
0
Main Clock (XIN–XOUT)
stop bit (CM6)
CPU mode register (CM) [Address 00FB16]
R W
RW
R W
R W
RW
XCOUT drivability
selection bit (CM5)
0: LOW drive
1: HIGH drive
0: Oscillating
1: Stopped
7
0
Internal system clock
selection bit
(CM7)
RW
0: XIN selected
(high-speed mode)
1: XCIN–XCOUT selected
(low-speed mode)
Note. This bit is set to “1” after the reset release.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com