Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 52Page - Renesas Technology Corp M37151 Datasheet HTML 53Page - Renesas Technology Corp M37151 Datasheet HTML 54Page - Renesas Technology Corp M37151 Datasheet HTML 55Page - Renesas Technology Corp M37151 Datasheet HTML 56Page - Renesas Technology Corp M37151 Datasheet HTML 57Page - Renesas Technology Corp M37151 Datasheet HTML 58Page - Renesas Technology Corp M37151 Datasheet HTML 59Page - Renesas Technology Corp M37151 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
55
Rev. 1.0
Fig. 8.10.9 Caption Position Register
Field and Line to Generate Slice Voltage
• Field specified by bit 1 of DSC1
• Line 21 (total 1 line)
• Field specified by bit 1 of DSC1
• A line specified by bits 4 to 0 of CPS
(total 1 line) (See note 3)
• Field specified by bit 1 of DSC1
• Line 21 (total 1 line)
• Field specified by bit 1 of DSC1
• Line 21 and a line specified by bits 4 to 0 of CPS
(total 2 lines) (See note 2)
Field and Line to Be Sliced Data
• Both fields of F1 and F2
• Line 21 and a line specified by bits 4 to 0 of CPS
(total 2 lines) (See note 2)
• Both fields of F1 and F2
• A line specified by bits 4 to 0 of CPS
(total 1 line) (See note 3)
• Both fields of F1 and F2
• Line 21 (total 1 line)
• Both fields of F1 and F2
• Line 21 and a line specified by bits 4 to 0 of CPS
(total 2 lines) (See note 2)
CPS
b7
0
0
1
1
b6
0
1
0
1
Notes 1: DSC1 is data slicer control register 1.
CPS is caption position register.
2: Set “0016” to “1016” to bits 4 to 0 of CPS.
3: Set “0016” to “1F16” to bits 4 to 0 of CPS.
Table 8.10.1 Specification of Data Slice Line
b7 b6 b5 b4 b3 b2 b1 b0
Caption Position Register (CPS) [Address 00E616]
Caption Position Register
0
to
4
0
R W
0
R W
Caption position
bits(CPS0 to CPS4)
6, 7
Refer to the corresponding
Table (Table 8.10.1).
Slice line mode
specification bits
(in 1 field) (CPS6, CPS7)
5
0: Data is not latched yet and a
clock-run-in is not determined.
1: Data is latched and a
clock-run-in is determined.
Caption data latch
completion flag 2
(CPS5)
Indeterminate R —
After reset
Functions
Na
B
me
R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com