Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 37Page - Renesas Technology Corp M37151 Datasheet HTML 38Page - Renesas Technology Corp M37151 Datasheet HTML 39Page - Renesas Technology Corp M37151 Datasheet HTML 40Page - Renesas Technology Corp M37151 Datasheet HTML 41Page - Renesas Technology Corp M37151 Datasheet HTML 42Page - Renesas Technology Corp M37151 Datasheet HTML 43Page - Renesas Technology Corp M37151 Datasheet HTML 44Page - Renesas Technology Corp M37151 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
40
Rev. 1.0
Fig. 8.6.13 Address Data Communication Format
8.6.12 Precautions when using multi-master
I2C-BUS interface
(1) Read-modify-write instruction
Precautions for executing the read-modify-write instructions, such
as SEB and CLB, is for each register of the multi-master I2C-BUS
interface are described below.
•I2C data shift register (S0)
When executing the read-modify-write instruction for this register
during transfer, data may become an arbitrary value.
•I2C address register (S0D)
When the read-modify-write instruction is executed for this register
at detection of the STOP condition, data may become an arbitrary
______
value because hardware changes the read/write bit (RBW) at the
above timing.
•I2C status register (S1)
Do not execute the read-modify-write instruction for this register
because all bits of this register are changed by hardware.
•I2C control register (S1D)
When the read-modify-write instruction is executed for this register
at detection of the START condition or at completion of the byte
transfer, data may become an arbitrary value because hardware
changes the bit counter (BC0–BC2) at the above timing.
•I2C clock control register (S2)
The read-modify-write instruction can be executed for this register.
(2) START condition generating procedure us-
ing multi-master
➀ Procedure example (The necessary conditions for the procedure
are described in ➁ to ➄ below).
•
•
LDA
—
(Take at slave address value)
SEI
(Interrupt disabled)
BBS 5,S1,BUSBUSY
(BB flag confirmation and branch
process)
BUSFREE:
STA S0
(Write slave address value)
LDM #$F0, S1
(Trigger START condition generation)
CLI
(Interrupt enabled)
•
•
BUSBUSY:
CLI
(Interrupt enabled)
•
•
➁ Use “STA,” “STX” or “STY” of the zero page addressing instruc-
tion for writing the slave address value to the I2C data shift register.
➂ Use “LDM” instruction for setting trigger of START condition gen-
eration.
➃ Write the slave address value of ➁ and set trigger of START con-
dition generation as in ➂ continuously, as shown in the procedure
example.
➄ Disable interrupts during the following three process steps:
• BB flag confirmation
• Write slave address value
• Trigger of START condition generation
When the condition of the BB flag is bus busy, enable interrupts
immediately.
SSlave address
A
DataA
Data
A/A
P
R/W
7 bits
“0”
1 to 8 bits
1 to 8 bits
SSlave address
A
Data
AData
A
P
7 bits
“1”
1 to 8 bits
1 to 8 bits
(1) A master-transmitter transmits data to a slave-receiver
S
Slave address
1st 7 bits
A
A
Data
7 bits
“0”
8 bits
1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
Slave address
2nd byte
A
DataA/A
P
1 to 8 bits
S
Slave address
1st 7 bits
A
A
7 bits
“0”
8 bits
7 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
Slave address
2nd byte
Data
1 to 8 bits
Sr
Slave address
1st 7 bits
A
Data
A
P
1 to 8 bits
“1”
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
S: START conditionP : STOP condition
A: ACK bitR/W : Read/Write bit
Sr: Restart condition
From master to slave
From slave to master
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com