Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 73Page - Renesas Technology Corp M37151 Datasheet HTML 74Page - Renesas Technology Corp M37151 Datasheet HTML 75Page - Renesas Technology Corp M37151 Datasheet HTML 76Page - Renesas Technology Corp M37151 Datasheet HTML 77Page - Renesas Technology Corp M37151 Datasheet HTML 78Page - Renesas Technology Corp M37151 Datasheet HTML 79Page - Renesas Technology Corp M37151 Datasheet HTML 80Page - Renesas Technology Corp M37151 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
76
Rev. 1.0
Fig. 8.11.17 Bit structure of OSD RAM
Bit name
Control of
character color R
Control of
character color G
Control of
character color B
OUT control
Flash control
Underline control
Italic control
Bit
RF0
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RA0
RA1
RA2
RA3
RA4
RA5
RA6
Function
Character code in
OSD ROM
0: Color signal output OFF
1: Color signal output ON
0: Flash OFF
1: Flash ON
0: Underline OFF
1: Underline ON
0: Italic OFF
1: Italic ON
Bit name
Control of
character color R
Control of
character color G
Control of
character color B
OUT control
Control of
background color R
Control of
background color G
Control of
background color B
CC mode
Function
Character code in
OSD ROM
0: Color signal output OFF
1: Color signal output ON
0: Color signal output OFF
1: Color signal output ON
OSD mode
Notes 1: Read value of bits 7 of the color code is “0.”
2: For OUT control, refer to “8.11.8 OUT signal.”
3: “7F16” and “8016” cannot be used as character code.
Character code
Character code
(See note 2)
(See note 2)
RA6
RA5 RA4 RA3 RA2
RA1 RA0 RF7
RF6
RF5
RF4
RF3
RF2
RF1RF0
b0
b7
b0
b7
Blocks 1, 2
Character code (See note 3)
Color code 1
(See note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com