Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 11Page - Renesas Technology Corp M37151 Datasheet HTML 12Page - Renesas Technology Corp M37151 Datasheet HTML 13Page - Renesas Technology Corp M37151 Datasheet HTML 14Page - Renesas Technology Corp M37151 Datasheet HTML 15Page - Renesas Technology Corp M37151 Datasheet HTML 16Page - Renesas Technology Corp M37151 Datasheet HTML 17Page - Renesas Technology Corp M37151 Datasheet HTML 18Page - Renesas Technology Corp M37151 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
14
Rev. 1.0
Fig. 8.2.3 Memory Map of Special Function Register 1 (SFR1) (2)
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16
Address
Serial I/O register (SIO)
A-D control register 1 (AD1)
Timer 5 (T5)
Timer 6 (T6)
Timer 1 (T1)
Caption data register 1 (CD1)
Caption position register (CPS)
Data slicer test register 2
Clock run-in detect register (CRD)
Data clock position register (DPS)
Register
Data slicer control register 1 (DSC1)
Data slicer control register 2 (DSC2)
Timer 2 (T2)
Timer 3 (T3)
Timer 4 (T4)
Timer mode register 1 (TM1)
Timer mode register 2 (TM2)
I2C data shift register (S0)
I2C control register (S1D)
I2C clock control register (S2)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Data slicer test register 1
Synchronous signal counter register (HC)
A-D control register 2 (AD2)
CPU mode register (CPUM)
b7
b0
Bit allocation
State immediately after reset
b7
b0
s SFR1 Area (addresses E016 to FF16)
Caption data register 2 (CD2)
Serial I/O mode register (SM)
I2C status register (S1)
I2C address register (S0D)
: 0 immediately after reset
: Indeterminate immediately
after reset
0
1
?
<State immediately after reset>
: 1 immediately after reset
: Fix this bit to 0
(do not write 1 )
:
<Bit allocation>
Function bit
: No function bit
: Fix this bit to 1
(do not write 0 )
Name
:
1
0
TM20
TM21
TM22
TM23
TM24
TM10
TM11
TM12
TM13
TM14
CM2
TM1R
TM2R
TM3R
TM4R
OSDR
VSCR
IN3R
CK0
IN1R
DSR
S1R
TM1E
TM2E
TM3E
TM4E
OSDE
VSCE
IN1E
DSE
S1E
IN2E
TM25
0016
FF16
0716
FF16
0716
0716
TM15
TM16
TM17
TM26
TM27
?
SAD0
SAD1
SAD2
SAD3
SAD4
SAD5
SAD6
RBW
LRB
AD0
AAS
AL
PIN
BB
TRX
MST
BC0
BC1
BC2
ESO
ALS
BSEL0
BSEL1
CCR0
CCR1
CCR2
CCR3
CCR4
ACK
0016
0016
0016
CKR
IN2R
IICR
TM56R
IN3E
CKE
IICE
TM56E
TM56C
0
0
CM7
CM5
CM6
SM0
SM1
SM2
SM3
ADC10
ADC11
ADC12
ADC14
ADC20
ADC21
ADC22
ADC25
ADC26
SM5
SM6
ADC24 ADC23
10BIT
SAD
FAST
MODE
?
0016
0016
0016
FF16
DSC10
DSC11
DSC12
DSC20
DSC23
DSC24
DSC25
CRD3
CRD4
CRD5
CRD6
CRD7
DPS3
DPS4
DPS5
DPS6
DPS7
CPS0
CPS3
CPS4
CPS5
CPS1
CPS2
CPS6
CPS7
HC0
HC3
HC4
HC5
HC1
HC2
0?
0
?
0
?
??
00
0
?
01
1
0
0
01
1
0
0
00
1
0
1
00
0
0
0016
CDH10
CDH13
CDH14
CDH15
CDH11
CDH12
CDH16
CDH17
CDL10
CDL13
CDL14
CDL15
CDL11
CDL12
CDL16
CDL17
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
D1
D2
D3
D4
D5
D6
D7
D0
0
0
00
?
0
0
0
0
0
0
01
0
0?
ACK
BIT
0916
3C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com