Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 92Page - Renesas Technology Corp M37151 Datasheet HTML 93Page - Renesas Technology Corp M37151 Datasheet HTML 94Page - Renesas Technology Corp M37151 Datasheet HTML 95Page - Renesas Technology Corp M37151 Datasheet HTML 96Page - Renesas Technology Corp M37151 Datasheet HTML 97Page - Renesas Technology Corp M37151 Datasheet HTML 98Page - Renesas Technology Corp M37151 Datasheet HTML 99Page - Renesas Technology Corp M37151 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
95
Rev. 1.0
Fig.8.14.4 Clock Generating Circuit Block Diagram
XCIN
XIN
XCOUT
XOUT
OSC1 clock selection
bits (See notes 1, 4)
Internal system clock
selection bit (See notes 1, 3)
Internal system clock selection bit
(See notes 1, 3)
Main clock (XIN–XOUT) stop bit (See notes 1, 3)
R
S
Q
STP instruction
WIT
instruction
R
S
Q
Reset
Interrupt disable flag I
Interrupt request
R
S
Q
Reset
STP instruction
Timing
φ
(Internal clock)
Timer 3
count source selection bit (See notes 1, 2)
“1”
Timer 3 count
stop bit (See notes 1, 2)
Timer 4 count
stop bit (See notes 1, 2)
Timer 3
Timer 4
1/2
1/8
“1”
“0”
“0”
Notes 1 : The value at reset is “0.”
2: Refer to timer mode register 2.
3: Refer to the CPU mode register.
4: Refer to the OSD control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com