Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 51Page - Renesas Technology Corp M37151 Datasheet HTML 52Page - Renesas Technology Corp M37151 Datasheet HTML 53Page - Renesas Technology Corp M37151 Datasheet HTML 54Page - Renesas Technology Corp M37151 Datasheet HTML 55Page - Renesas Technology Corp M37151 Datasheet HTML 56Page - Renesas Technology Corp M37151 Datasheet HTML 57Page - Renesas Technology Corp M37151 Datasheet HTML 58Page - Renesas Technology Corp M37151 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
54
Rev. 1.0
8.10.6 Data Slice Line Specification Circuit
(1) Specification of data slice line
This circuit determines the lines on to which caption data is super-
imposed. Data can be sliced for line 21 and one arbitrary line in
both field (2 lines total per field). The caption position register (ad-
dress 00E616) is used for each setting (refer to Table 8.10.1).
The counter is reset at the falling edge of Vsep and is incremented
by 1 every Hsep pulse. When the counter value matches the value
specified by bits 4 to 0 of the caption position register, this Hsep is
sliced.
The values of “0016” to “1F16” can be set in the caption position
register (when setting only one arbitrary line). Figure 8.10.8 shows
the signals in the vertical blanking interval. Figure 8.10.9 shows
the structure of the caption position register.
(2) Specification of line to set slice voltage
Table 8.10.1 shows which field and line generates the reference
slice voltage for the clock run-in pulse of each line. The field to
generate slice voltage is specified by bit 1 of data slicer control
register 1. The line to generate slice voltage for one field is speci-
fied by bits 6 and 7 of the caption position register (refer to
Table 8.10.1).
Fig. 8.10.8 Signals in Vertical Blanking Interval
(3) Field determination
The field determination flag can be read out by bit 3 of data slicer
control register 2. This flag changes at the falling edge of Vsep.
Video signal
Vertical blanking interval
Composite
video signal
Count value to be set in the caption position register (“0F 16” in this case)
Hsep
Vsep
Hsep
Magnified
drawing
Clock run-in
Start bit + 16-bit data
Start bit
Window for
deteminating
clock-run-in
Composite video
signal
Line 21
1 appropriate line is set by
the caption position register
(when setting line 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com