Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 22Page - Renesas Technology Corp M37151 Datasheet HTML 23Page - Renesas Technology Corp M37151 Datasheet HTML 24Page - Renesas Technology Corp M37151 Datasheet HTML 25Page - Renesas Technology Corp M37151 Datasheet HTML 26Page - Renesas Technology Corp M37151 Datasheet HTML 27Page - Renesas Technology Corp M37151 Datasheet HTML 28Page - Renesas Technology Corp M37151 Datasheet HTML 29Page - Renesas Technology Corp M37151 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
25
Rev. 1.0
Fig. 8.4.5 Timer Block Diagram
Timer 1 (8)
1/4096
1/2
CM7
TM15
1/8
Timer 1 latch (8)
8
8
8
TM10
TM12
TM14
TM11
TM13
Timer 2 (8)
Timer 2 latch (8)
8
8
8
Timer 3 (8)
Timer 3 latch (8)
8
8
8
Timer 4 (8)
Timer 4 latch (8)
8
8
8
Timer 5 (8)
Timer 5 latch (8)
8
8
8
Timer 6 (8)
Timer 6 latch (8)
8
8
8
Data bus
Timer 1
interrupt request
Timer 2
interrupt request
Timer 3
interrupt request
Reset
STP instruction
TM20
TM22
T3SC
Timer 4
interrupt request
TM24
TM23
TM21
TM16
Timer 5
interrupt request
TM27
TM25
Timer 6
interrupt request
TM17
TM26
TM21
TIM2
TIM3
Selection gate: Connected to
black side at
reset
TM1 : Timer mode register 1
TM2 : Timer mode register 2
T3SC : Timer 3 count source
switch bit (address 00C716)
CM : CPU mode register
Notes 1: HIGH pulse width of external clock inputs TIM2 and TIM3 needs 4 machine cycles or more.
2: When the external clock source is selected, timers 1, 2, and 3 are counted at a rising edge of input signal.
FF16
0716
3: In the stop mode or the wait mode, external clock inputs TIM2 and TIM3 cannot be used.
XCIN
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com