Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 60Page - Renesas Technology Corp M37151 Datasheet HTML 61Page - Renesas Technology Corp M37151 Datasheet HTML 62Page - Renesas Technology Corp M37151 Datasheet HTML 63Page - Renesas Technology Corp M37151 Datasheet HTML 64Page - Renesas Technology Corp M37151 Datasheet HTML 65Page - Renesas Technology Corp M37151 Datasheet HTML 66Page - Renesas Technology Corp M37151 Datasheet HTML 67Page - Renesas Technology Corp M37151 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
63
Rev. 1.0
Fig. 8.11.3 OSD Control Register
b7 b6 b5 b4 b3 b2 b1 b0
OSD control register (OC) [Address 00D016]
B
Name
Functions
After reset R W
OSD Control Register
0
OSD control bit
(OC0)
(See note 1)
0 : All-blocks display off
1 : All-blocks display on
0
1
Automatic solid space
control bit (OC1)
0 : OFF
1 : ON
0
2
0 : OFF
1 : ON
0
0
4
OSD mode clock
selection bit (OC4)
0
Window control bit
(OC2)
RW
RW
RW
RW
RW
3
0 : Data slicer clock
1 : Internal oscillating clock f(osc)
CC mode clock
selection bit (OC3)
0 : Data slicer clock
1 : Internal oscillating clock f(osc)
7
Pre-divide ratio
selection bit (OC7)
0R W
0 : Divide ratio by the block
control register
1 : Pre-divide ratios = ✕ 1
for blocks 1 and 2
5, 6 Fix these bits to “0.”
0
R W
0 0
Notes 1: Even this bit is switched during display, the display screen
2: This bit's priority is higher than BCi4 of Block Control
Register i setting.
remains unchanged until a rising (falling) of the next VSYNC
(See note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com