Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 75Page - Renesas Technology Corp M37151 Datasheet HTML 76Page - Renesas Technology Corp M37151 Datasheet HTML 77Page - Renesas Technology Corp M37151 Datasheet HTML 78Page - Renesas Technology Corp M37151 Datasheet HTML 79Page - Renesas Technology Corp M37151 Datasheet HTML 80Page - Renesas Technology Corp M37151 Datasheet HTML 81Page - Renesas Technology Corp M37151 Datasheet HTML 82Page - Renesas Technology Corp M37151 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
78
Rev. 1.0
8.11.8 OUT signal
The OUT signal is used to control the luminance of the video sig-
nal. The output waveform of the OUT signal is controlled by RA3 of
the OSD RAM. The setting values for controlling OUT and the cor-
responding output waveform are shown in Figure 8.11.18.
Fig. 8.11.18 Setting Value for Controlling OUT and Corresponding Output Waveform
Display
Mode
A
A'
0
1
Block Control
Register i
C
OSD
C
1
0
1
0
1
0
1
0
OUT Output
Control Bit (b5)
OUT control
(RA3 of OSD RAM)
OUT=FONT/BORDER
0
1
Vcc
About 0.6Vcc
0V
Vcc
0V
Vcc
0V
Vcc
0V
Vcc
About 0.6Vcc
0V
Vcc
0V
Vcc
0V
Vcc
0V
OUT=AREA
OUT=FONT/BORDER
OUT=FONT/BORDER
OUT=AREA
OUT=FONT
OUT=FONT
OUT=FONT
Notes 1: FONT/BORDER.....In the OSD mode (Border ON), OUT outputs to the area of font and border.
In the OSD mode (Border OFF), OUT outputs to only the font area.
AREA.....................OUT outputs to entire display area of character.
FONT.....................In the CC mode, OUT outputs to font area.
2: When the automatic solid space function is OFF in the CC mode, AREA outputs according to bit 3 of color code.
When it is ON, the solid space is automatically output by a character code regardless of RA3.
3: The OUT signal's three-level outputs are useful only during positive polarity output.
4: For three-level OUT signal outputs, set Port P3 Direction Register (address 00C716) bit 2 to 1.
5: For three-level OUT signal outputs, set about 2 k
Ω resistor between OUT pin and VSS.
Output Waveform (A-A')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com