Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 66Page - Renesas Technology Corp M37151 Datasheet HTML 67Page - Renesas Technology Corp M37151 Datasheet HTML 68Page - Renesas Technology Corp M37151 Datasheet HTML 69Page - Renesas Technology Corp M37151 Datasheet HTML 70Page - Renesas Technology Corp M37151 Datasheet HTML 71Page - Renesas Technology Corp M37151 Datasheet HTML 72Page - Renesas Technology Corp M37151 Datasheet HTML 73Page - Renesas Technology Corp M37151 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
69
Rev. 1.0
Fig. 8.11.10 Block Diagram of Dot Size Control Circuit
Fig. 8.11.11 Definition of Dot Sizes
1 do t
Scanning line of F1(F2 )
Scanning line of F2(F1 )
1/2 H
1H
2H
3H
3T C
2T C
1T C
1T C
Data slicer clock
HSYNC
f (OSC)
OC3 or OC4
Synchronous
circuit
Pre-divide circuit
Clock cycle
= 1TC
Cycle ✕ 2
0
Cycle ✕ 3
1
BCi4
Note: To use data slicer clock, set bit 0 of data slicer control register 1 to 1.
Horizontal dot size
control circuit
Vertical dot size
control circuit
OSD control circuit
0
1
OC7
8.11.2 Dot Size
The dot size can be selected in block units. The vertical dot size is
determined by dividing HSYNC in the vertical dot size control circuit.
The horizontal dot size is determined by dividing the following clock
in the horizontal dot size control circuit : the clock gained by dividing
the OSD clock source (data slicer clock, f (OSC) in the pre-divide
circuit. The clock cycle divided in the pre-divide circuit is defined as
1TC.
The dot size of each block is specified by bits 2 to 4 of block control
register i.
Refer to Figure 8.11.4 for the structure of the block control register.
The block diagram of the dot size control circuit is shown in Figure
8.11.10.
The pre-divide ratio is specified by bit 7 of the OSD control register
(address 00D016) and bit 4 of block control register i (addresses
00D216 and 00D316) .
When bit 7 of the OSD control register (address 00D016) is set to
"0," the double or triple pre-divide ratio can be chosen per block unit
by bit 4 of block control register i. And then, when it is set to "1", the
pre-divide ratio increases 1 time (both blocks 1 and 2). The pre-di-
vided dot size can be specified per block unit by bits 2 and 3 of block
control register i.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com