Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 94Page - Renesas Technology Corp M37151 Datasheet HTML 95Page - Renesas Technology Corp M37151 Datasheet HTML 96Page - Renesas Technology Corp M37151 Datasheet HTML 97Page - Renesas Technology Corp M37151 Datasheet HTML 98Page - Renesas Technology Corp M37151 Datasheet HTML 99Page - Renesas Technology Corp M37151 Datasheet HTML 100Page - Renesas Technology Corp M37151 Datasheet HTML 101Page - Renesas Technology Corp M37151 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
97
Rev. 1.0
8.15 OSD CLOCK GENERATING CIRCUIT
When generate OSD clock based on main clock, connect capacity to
FILT pin.
Set bit 0 of the clock control register 1 (address 00CD16) to operate
OSD clock generating circuit “0.” Clock control register 1 (address
00CD16) is shown in Fig.8.15.3. Then, clock frequency for OSD is set
up by the clock frequency register (address 021016).
Clock frequency setting register is shown in Fig.8.15.2.
Fig.8.15.1 Display Oscillation Circuit
FLIT
C1
Table.8.15.1 OSD Clock frequency
Clock frequency
setting register
(address 021016)
OSD clock
frequency
0C
0D
26 MHz
28 MHz
In order to generate normally oscillation frequency for OSD shown in
Table 8.15.1, be sure to set the main clock f (XIN) to 8MHz. Then, set
up not any values other than these.
Fig.8.15.3 Clock Control Register 1
Clock control register 1
Clock control register 1 (CC1) [Address 00CD16]
b7 b6 b5 b4 b3 b2 b1 b0
0
0
000
0
0
0
0
0
System clock generating
circuit control bit (CC10)
0: Operation
1: Stop
Fix these bits to "0"
1 to
7
Name
B
Functions
After reset R W
R W
R W
Fig.8.15.2 Clock Frequency Register
Clock frequency set register(CFS) [Address 021016]
Clock frequency set register
0 to
7
b7 b6 b5 b4 b3 b2 b1 b0
Clock frequency bit
(CFS 0 to 7)
0E
Clock frequency (Note)
Setting value(Limitation)
Frequency(MHz)
0C
26
0D
28
Name
B
Functions
After reset R W
R W
Note: Do not set other than the values shown above to CFS.
Then, must to use at f(XIN) = 8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com