Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 21Page - Renesas Technology Corp M37151 Datasheet HTML 22Page - Renesas Technology Corp M37151 Datasheet HTML 23Page - Renesas Technology Corp M37151 Datasheet HTML 24Page - Renesas Technology Corp M37151 Datasheet HTML 25Page - Renesas Technology Corp M37151 Datasheet HTML 26Page - Renesas Technology Corp M37151 Datasheet HTML 27Page - Renesas Technology Corp M37151 Datasheet HTML 28Page - Renesas Technology Corp M37151 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
24
Rev. 1.0
Fig. 8.4.4 Timer return setting register
Timer return setting register
Timer return setting register (TMS) [Address 00CC16]
b7 b6 b5 b4 b3 b2 b1 b0
0W
R
Fix these bits to "0."
Fix these bits to "1."
7
0
STOP mode return selection bit
(TMS)
0: Timer Count "07FF16"
1: Timer Count Variable
W
R
5, 6
0
W
R
1
1
0
0
0
0
0
Name
B
Functions
After reset R W
0 to
4
Fig. 8.4.3 Port P3 direction register
0
1
2
Port P3 direction register
(See note 1)
b7 b6 b5 b4 b3 b2 b1 b0
3
Output amplitude level selection bit
(OUTS)
0 : 2 value output
1 : 3 value output
Fix this bit to "0."
4,5
Nothing is assigned fix these bits
When this bit are read out, the value are "0."
6
7
Timer 3 (T3SC)
Refer to explanation of a timer
0 : P24 input
1 : P16 input
Timer 2
0
(T2SC)
Port P3 direction register
Port P3 direction register (D3) [Address 00C716]
Notes 1: When using the port as the I
2C-BUS interface, set the Port P3 Direction Register to 1.
2: Use the Clock Control Register 3 (address 021216) bit 5 to select the binary
output level of OUT.
(See note 2)
B
Name
Functions
0
W
R
0
W
R
0
W
R
0
W
R
0
–
R
0
W
R
0
W
R
After reset R W
0 : Port P30 input
1 : Port P30 output
0 : Port P31 input
1 : Port P31 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com