Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 4Page - Renesas Technology Corp M37151 Datasheet HTML 5Page - Renesas Technology Corp M37151 Datasheet HTML 6Page - Renesas Technology Corp M37151 Datasheet HTML 7Page - Renesas Technology Corp M37151 Datasheet HTML 8Page - Renesas Technology Corp M37151 Datasheet HTML 9Page - Renesas Technology Corp M37151 Datasheet HTML 10Page - Renesas Technology Corp M37151 Datasheet HTML 11Page - Renesas Technology Corp M37151 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
7
Rev. 1.0
Pin
Name
Input/
Functions
Output
VCC, VSS
Power source
Apply voltage of 5 V ± 10 % to (typical) VCC, and 0 V to VSS.
CNVSS
CNVSS
This is connected to VSS.
______
RESET
Reset input
Input
To enter the reset state, the reset input pin must be kept at a LOW for 2 ms or more (under
normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this LOW condition should
be maintained for the required time.
XIN
Clock input
Input
This is the input pin for the main clock generating circuit. Built-in clock clock generation
circuit, when set
XOUT
Clock output
Output
to oscillation frequency, connect ceramic resonator or crystal frequency between XIN and
XOUT. When use external clock input, connect clock oscillation source to XIN pin, and open
XOUT pin.
P00/PWM0–
I/O port P0
I/O
Port P0 is an 8-bit I/O port with a direction register allowing each I/O bit to be individually
P02/PWM2,
programmed as input or output. At reset, this port is set to input mode. The output structure
P03/PWM3/AD1,
is N-channel open-drain output. (See note)
P04/PWM4/AD2,
PWM output
Output
Output Pins P00 to P04 are also used as PWM output pins PWM0 to PWM4, respectively.
P05/AD3,
The output structure is N-channel open-drain output.
P06/INT2/AD4,
External interrupt
Input
Pins P06 and P07 are also used as INT external interrupt input pins INT2 and INT1 respectively.
P07/INT1
input
Analog input
Input
Pins P03, P04, P05 and P06 are also used as analog input pins AD1, AD2, AD3 and AD4,
respectively.
P10/CLK CONT, I/O port P1
I/O
Port P1 is a 7-bit I/O port and has basically the same functions as port P0. The output
P11/SCL1,
structure is CMOS output. (See note)
P12/SCL2,
Multi-master
I/O
Pins P11–P14 are used as SCL1, SCL2, SDA1 and SDA2 respectively, when multi-master
P13/SDA1,
I2C-BUS interface
I2C-BUS interface is used. The output structure is N-channel open-drain output.
P14/SDA2,
Clock control
Output
P10 pin is also used as Clock control output CLK CONT. The output structure is CMOS
P15,
output.
P16/AD8/TIM2
External clock
Input
P16 pin is also used as timer external clock input pin TIM2.
input for timer
Analog input
Input
P16 pin is also used as analog input pin AD8.
P20/SCLK/AD5,
I/O port P2
I/O
Port P2 is an 8-bit I/O port and has basically the same functions as port P0. The output
P21/SOUT/AD6,
structure is CMOS output. (See note)
P22/SIN/AD7,
Serial I/O synchronous
I/O
P20 pin is also used as serial I/O synchronous clock input/output pin SCLK. The output
P23/TIM3,
clock input/output port
structure is N-channel open-drain output.
P24/TIM2,
Serial I/O data
Output
P21 pin is also used as serial I/O data output pin SOUT. The output structure is open-drain
P25/INT3,
output
output.
P26/XCIN,
Serial I/O data input
Input
P22 pin is also used as serial I/O data input pin SIN.
P27/XCOUT
External clock
Input
Pins P23 and P24 are also used as timer external clock input pins TIM3 and TIM2
input for timer
respectively.
Analog input
Input
Pins P20–P22 are also used as analog input pins AD5, AD6 and AD7 respectively.
Sub-clock input
Input
P26 pin is also used as sub-clock input pin XCIN.
Sub-clock output
Output
P27 pin is also used as sub-clock output pin XCOUT. The output structure is CMOS output.
External interrupt
Input
P25 pin is also used as INT external interrupt input pin INT3.
input
P30/SDA3
I/O port P3
I/O
Port P30,P31 is an 2-bit I/O port and has basically the same functions as port P0.
P31/SCL3
The output structure is CMOS output. (See note)
Multi-master
I/O
Pins P30,P31 are used as SDA3,SCL3 respectively, when multi-master I2C-BUS
I2C-BUS Interface
interface is used. The output structure is N-channel open-drain output.
7. PIN DESCRIPTION
Table 7.1 PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com