Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 76Page - Renesas Technology Corp M37151 Datasheet HTML 77Page - Renesas Technology Corp M37151 Datasheet HTML 78Page - Renesas Technology Corp M37151 Datasheet HTML 79Page - Renesas Technology Corp M37151 Datasheet HTML 80Page - Renesas Technology Corp M37151 Datasheet HTML 81Page - Renesas Technology Corp M37151 Datasheet HTML 82Page - Renesas Technology Corp M37151 Datasheet HTML 83Page - Renesas Technology Corp M37151 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
79
Rev. 1.0
8.11.9 Attribute
The attributes (border, flash, underline, italic) are controlled accord-
ing to the character font. The attributes to be controlled are different
depending on each mode.
CC mode ..................... Flash, underline, italic (per character unit)
OSD mode .................. Border (per character unit)
(1) Underline
The underline is output at the 23th and 24th dots in the vertical direc-
tion only in the CC mode. The underline is controlled by RA5 of the
OSD RAM. The color of the underline is the same color as that of the
character font.
(2) Flash
The character font and the underline are flashed only in the CC mode.
The flash is controlled by RA4 of OSD RAM. In the character font
part, the character output part is flashed, but the character back-
ground part is not flashed. The flash cycle is based on the VSYNC
count.
• VSYNC cycle ✕ 48
≈ 800 ms (at display ON)
• VSYNC cycle ✕ 16
≈ 267 ms (at display OFF)
(3) Italic
The italic is made by slanting the font stored in the OSD ROM to the
right only in the CC mode. The italic is controlled by RA6 of OSD
RAM.
Display examples of the italic and underline are shown in Figure
8.11.19, using “R.”
Notes 1: When setting both the italic and the flash, the italic character flashes.
2: The boundary of character color is displayed in italic. However, the
boundary of character background color is not affected by the italic
(refer to Figure 8.11.20).
3: The adjacent character (one side or both sides) to an italic character
is displayed in italic even when the character is not specified to be
displayed in italic (refer to Figure 8.11.20).
4: Italics display cannot be used at pre-divided ratio 1 setting .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com