Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 95Page - Renesas Technology Corp M37151 Datasheet HTML 96Page - Renesas Technology Corp M37151 Datasheet HTML 97Page - Renesas Technology Corp M37151 Datasheet HTML 98Page - Renesas Technology Corp M37151 Datasheet HTML 99Page - Renesas Technology Corp M37151 Datasheet HTML 100Page - Renesas Technology Corp M37151 Datasheet HTML 101Page - Renesas Technology Corp M37151 Datasheet HTML 102Page - Renesas Technology Corp M37151 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
98
Rev. 1.0
8.17 ADDRESSING MODE
The memory access is reinforced with 17 kinds of addressing modes.
Refer to SERIES 740 <Software> User’s Manual for details.
8.18 MACHINE INSTRUCTIONS
There are 71 machine instructions. Refer to SERIES 740 <Software>
User’s Manual for details.
9. TECHNICAL NOTES
• The divide ratio of the timer is 1/(n+1).
•
Even though the BBC and BBS instructions are executed imme-
diately after the interrupt request bits are modified (by the pro-
gram), those instructions are only valid for the contents before
the modification. At least one instruction cycle is needed (such as
an NOP) between the modification of the interrupt request bits
and the execution of the BBC and BBS instructions.
•
After the ADC and SBC instructions are executed (in the decimal
mode), one instruction cycle (such as an NOP) is needed before
the SEC, CLC, or CLD instruction is executed.
•
An NOP instruction is needed immediately after the execution of
a PLP instruction.
•
In order to avoid noise and latch-up, connect a bypass capacitor
(
≈ 0.1µF) directly between the VCC pin–VSS pin and the VCC pin–
CNVSS pin, using a thick wire.
•
Characteristic value, margin of operation, etc. of versions with
built-in EPROM and built-in mask ROM may differ from each other
within the limits of the electrical characteristics in terms of manu-
facturing process, built-in ROM, difference of a layout pattern,
etc.
Carry out and check an examination equivalent to the system
evaluation examination carried out on the EPROM version when
replacing it with the mask ROM version.
8.16 AUTO-CLEAR CIRCUIT
When a power source is supplied, the auto-clear function will oper-
ate by connecting the following circuit to the RESET pin.
Fig.8.16.1 Auto-clear Circuit Example
RESET
Vss
Vcc
Circuit example 1
RESET
Vss
Vcc
Circuit example 2
Note : Make the level change from “L” to “H” at the point at
which the power source voltage exceeds the specified
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com