Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 5Page - Renesas Technology Corp M37151 Datasheet HTML 6Page - Renesas Technology Corp M37151 Datasheet HTML 7Page - Renesas Technology Corp M37151 Datasheet HTML 8Page - Renesas Technology Corp M37151 Datasheet HTML 9Page - Renesas Technology Corp M37151 Datasheet HTML 10Page - Renesas Technology Corp M37151 Datasheet HTML 11Page - Renesas Technology Corp M37151 Datasheet HTML 12Page - Renesas Technology Corp M37151 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
8
Rev. 1.0
Notes : Port Pi (i = 0 to 3) has the port Pi direction register which can be used to program each bit for input (“0”) or an output (“1”). The pins programmed as “1” in
the direction register are output pins. When pins are programmed as “0,” they are input pins. When pins are programmed as output pins, the output data are
written into the port latch and then output. When data is read from the output pins, the data of the port latch, not the output pin level, is read. This allows a
previously-output value to be read correctly even if the output LOW voltage has risen due to, for example, a directly-driven light emitting diode was directly
driven. The input pins are in the floating state, so the values of the pins can be read. When data is written into the input pin, it is written only into the port latch,
while the pin remains in the floating state.
❈ LED drive ports 4 (P24–P27)
Pin
Name
Input/
Functions
Output
P50/HSYNC Input P5
Input
Port P5 is a 2-bit input port.
P51/VSYNC Horizonta synchronous signal
Input
The P50 pin is also used as a horizontal synchronous signal input HSYNC for OSD.
Vertical synchronous signal
Input
The P51 pin is also used as a vertical synchronous signal input VSYNC for OSD.
P52/B,
Output P5
output
Pins P52–P55 are a 4-bit output port. The output structure is CMOS output.
P53/G,
OSD output
output
Pins P52–P55 are also used as OSD output pins R, G, B and OUT respectively. The output
P54/R,
structure is CMOS output.
P55/OUT
CVIN
I/O for data slicer
Input
Input the composite video signal through a capacitor.
VHOLD
Input
Connect a capacitor between VHOLD and Vss.
HLF
I/O
Connect a filter consisting of a capacitor and a resistor, between HLF and Vss.
FILT
Clock oscillation
Input
Connect a capacitor between FILT and Vss.
filter
Table 7.2 PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com