Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 48Page - Renesas Technology Corp M37151 Datasheet HTML 49Page - Renesas Technology Corp M37151 Datasheet HTML 50Page - Renesas Technology Corp M37151 Datasheet HTML 51Page - Renesas Technology Corp M37151 Datasheet HTML 52Page - Renesas Technology Corp M37151 Datasheet HTML 53Page - Renesas Technology Corp M37151 Datasheet HTML 54Page - Renesas Technology Corp M37151 Datasheet HTML 55Page - Renesas Technology Corp M37151 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
51
Rev. 1.0
Figures 8.10.4 and 8.10.5 the data slicer control registers.
Fig. 8.10.4 Data Slicer Control Register 1
Fig. 8.10.5 Data Slicer Control Register 2
b7b6b5b4b3b2b1b0
Data slicer control register 1(DSC1) [Address 00E016]
Data Slicer Control Register 1
00
RW
0R W
2Reference clock source
selection bit (DSC12)
0: Video signal
1: HSYNC signal
0R W
0R W
0R W
11
0: Stopped
1: Operating
Data slicer and timing signal
generating circuit control bit (DSC10)
Fix these bits to “0.”
3, 4
00 0
10: F2
1: F1
Selection bit of data slice reference
voltage generating field (DSC11)
Fix these bits to “1.”
5, 6
Definition of fields 1 (F1) and 2 (F2)
Hsep
Vsep
F1:
Hsep
Vsep
F2:
B
After reset R W
NameFunctions
0R W
Fix this bit to “0.”
7
b7 b6 b5 b4 b3 b2 b1 b0
Data slicer control register 2 (DSC2) [Address 00E116]
RW
Data Slicer Control Register 2
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate
R —
1
0
R W
R —
R —
01
0: Data is not latched yet
and a clock-run-in is not
determined.
1: Data is latched and a
clock-run-in is determined.
Caption data latch
completion flag 1
(DSC20)
Fix this bit to “1.”
2
Read-only
Test bit
0
0: F2
1: F1
Field determination
flag(DSC23)
0: Method (1)
1: Method (2)
Vertical synchronous signal
(Vsep) generating method
selection bit (DSC24)
0
RW
5
0: Match
1: Mismatch
V-pulse shape
determination flag (DSC25)
R —
6
4
0
R W
Fix this bit to “0.”
B
1
After reset
Functions
Name
Definition of fields 1 (F1) and 2 (F2)
Hsep
Vsep
F1:
Hsep
Vsep
F2:
R —
7
Read-only
Test bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com