Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 67Page - Renesas Technology Corp M37151 Datasheet HTML 68Page - Renesas Technology Corp M37151 Datasheet HTML 69Page - Renesas Technology Corp M37151 Datasheet HTML 70Page - Renesas Technology Corp M37151 Datasheet HTML 71Page - Renesas Technology Corp M37151 Datasheet HTML 72Page - Renesas Technology Corp M37151 Datasheet HTML 73Page - Renesas Technology Corp M37151 Datasheet HTML 74Page - Renesas Technology Corp M37151 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
70
Rev. 1.0
8.11.3 Clock for OSD
The following 2 types of clocks can be selected for OSD display:
•
Data slicer clock output from the data slicer (approximately 26 MHz)
•
OSD clock f (osc) generated based on the reference clock from
pin XIN.
The OSD clock for each block can be selected by bits 3 and 4 of the
clock source control register (addresses 00D016).
Fig. 8.11.12 Block Diagram of OSD Selection Circuit
Data slicer circuit
Data slicer clock
(See note)
CC mode block
OSD mode block
Note : To use data slicer clock, set bit 0 of data slicer control register 1 to “1.”
When use the clock for OSD generated based on the main clock,
set the bit 0 of the clock control register 1 to “0.”
“0”
“0”
“1”
“1”
OC3
OC4
f(osc)
Fig. 8.11.13 Clock control register 1
Clock control register 1
Clock control register 1 (CC1) [Address 00CD16]
b7 b6 b5 b4 b3 b2 b1 b0
0
0
000
0
0
0
0
0
System clock generating
circuit control bit (CC10)
0: Operation
1: Stop
Fix these bits to "0"
1 to
7
Name
B
Functions
After reset R W
R W
R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com