Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 99Page - Renesas Technology Corp M37151 Datasheet HTML 100Page - Renesas Technology Corp M37151 Datasheet HTML 101Page - Renesas Technology Corp M37151 Datasheet HTML 102Page - Renesas Technology Corp M37151 Datasheet HTML 103Page - Renesas Technology Corp M37151 Datasheet HTML 104Page - Renesas Technology Corp M37151 Datasheet HTML 105Page - Renesas Technology Corp M37151 Datasheet HTML 106Page - Renesas Technology Corp M37151 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
102
Rev. 1.0
13. A-D CONVERTER CHARACTERISTICS
(VCC = 5 V ± 10 %, VSS = 0 V, f(XIN) = 8 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
Resolution
Non-linearity error
Differencial non-linearity error
Zero transition error
Full-scale transition error
Max.
7
±1.5
±0.9
2
–2
bits
LSB
LSB
LSB
LSB
Min.
Limits
Unit
Test conditions
Parameter
Symbol
—
—
—
V0T
VFST
IOL (SUM) = 0 mA
Typ.
14. MULTI-MASTER I2C-BUS BUS LINE CHARACTERISTICS
Bus free time
Hold time for START condition
LOW period of SCL clock
Rising time of both SCL and SDA signals
Data hold time
HIGH period of SCL clock
Falling time of both SCL and SDA signals
Data set-up time
Set-up time for repeated START condition
Set-up time for STOP condition
tBUF
tHD; STA
tLOW
tR
tHD; DAT
tHIGH
tF
tSU; DAT
tSU; STA
tSU; STO
Max.
1000
300
Min.
1.3
0.6
1.3
20+0.1Cb
0
0.6
20+0.1Cb
100
0.6
0.6
Max.
300
0.9
300
µs
µs
µs
ns
µs
µs
ns
ns
µs
µs
Unit
Standard clock mode High-speed clock mode
Parameter
Symbol
Note: Cb = total capacitance of 1 bus line
Fig.14.1 Definition Diagram of Timing on Multi-master I2C-BUS
Min.
4.7
4.0
4.7
0
4.0
250
4.7
4.0
SDA
SCL
P
tBUF
S
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
Sr
P
tSU;STO
tHD;STA
S
Sr
P
: Start condition
: Restart condition
: Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com