Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 100Page - Renesas Technology Corp M37151 Datasheet HTML 101Page - Renesas Technology Corp M37151 Datasheet HTML 102Page - Renesas Technology Corp M37151 Datasheet HTML 103Page - Renesas Technology Corp M37151 Datasheet HTML 104Page - Renesas Technology Corp M37151 Datasheet HTML 105Page - Renesas Technology Corp M37151 Datasheet HTML 106Page - Renesas Technology Corp M37151 Datasheet HTML 107Page - Renesas Technology Corp M37151 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
103
Rev. 1.0
15. PROM PROGRAMMING METHOD
The built-in PROM of the One Time PROM version (blank) and the
built-in EPROM version can be read or programmed with a general-
purpose PROM programmer using a special programming adapter.
The PROM of the One Time PROM version (blank) is not tested or
screened in the assembly process nor any following processes. To
ensure proper operation after programming, the procedure shown in
Figure 15.1 is recommended to verify programming.
Fig. 15.1 Programming and Testing of One Time PROM Version
Programming with
PROM programmer
Screening (Caution)
(150°C for 40 hours)
Verification with
PROM programmer
Functional check in target device
Caution : The screening temperature is far higher
than the storage temperature. Never
expose to 150°C exceeding 100 hours.
Name of Programming Adapter
PCA7450FP
Product
M37151EFFP
16. DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM product:
• Mask ROM Order Confirmation Form
• Mark Specification Form
• Data to be written to ROM, in EPROM form (three identical copies)
or FDK
When using EPROM:
Three sets of 32-pin DIP Type 27C101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com