Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 12Page - Texas Instruments TPS25751D Datasheet HTML 13Page - Texas Instruments TPS25751D Datasheet HTML 14Page - Texas Instruments TPS25751D Datasheet HTML 15Page - Texas Instruments TPS25751D Datasheet HTML 16Page - Texas Instruments TPS25751D Datasheet HTML 17Page - Texas Instruments TPS25751D Datasheet HTML 18Page - Texas Instruments TPS25751D Datasheet HTML 19Page - Texas Instruments TPS25751D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
6.13 CC VCONN Parameters (continued)
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPP_CABLE_off
From disable signal to CCy at
10% of final value
IL = 250 mA, VPP5V = 5 V, CL =
0
100
200
300
µs
tiOS_PP_CABLE
Response time to short circuit
VPP5V = 5 V, for short circuit RL
= 10 mΩ
2
µs
6.14 CC PHY Parameters
Operating under these conditions unless otherwise noted: and ( 3.0 V ≤ VVIN_3V3 ≤ 3.6 V or VVBUS ≥ 3.9 V )
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmitter
VTXHI
Transmit high voltage on CCy
Standard External load
1.05
1.125
1.2
V
VTXLO
Transmit low voltage on CCy
Standard External load
–75
75
mV
ZDRIVER
Transmit output impedance while
driving the CC line using CCy
measured at 750 kHz
33
54
75
Ω
tRise
Rise time. 10 % to 90 % amplitude
points on CCy, minimum is under
an unloaded condition. Maximum
set by TX mask
CCCy = 520 pF
300
ns
tFall
Fall time. 90 % to 10 % amplitude
points on CCy, minimum is under
an unloaded condition. Maximum
set by TX mask
CCCy = 520 pF
300
ns
VPHY_OVP
OVP detection threshold for USB
PD PHY
0 ≤ VVIN_3V3 ≤ 3.6 V, 0 ≤ VPP5V ≤
5.5 V, VVBUS ≥ 4 V. Initially VCC1 ≤
5.5 V and VCC2 ≤ 5.5 V, then VCCx
rises
5.5
8.5
V
Receiver
ZBMCRX
Receiver input impedance on CCy
Does not include pullup or
pulldown resistance from cable
detect. Transmitter is Hi-Z
1
MΩ
CCC
Receiver capacitance on CCy
(1)
Capacitance looking into the CC
pin when in receiver mode
120
pF
VRX_SNK_R
Rising threshold on CCy for
receiver comparator
Sink mode (rising)
499
525
551
mV
VRX_SRC_R
Rising threshold on CCy for
receiver comparator
Source mode (rising)
784
825
866
mV
VRX_SNK_F
Falling threshold on CCy for
receiver comparator
Sink mode (falling)
230
250
270
mV
VRX_SRC_F
Falling threshold on CCy for
receiver comparator
Source mode (falling)
523
550
578
mV
(1)
CCC includes only the internal capacitance on a CCy pin when the pin is configured to be receiving BMC data. External capacitance
is needed to meet the required minimum capacitance per the USB-PD Specifications (cReceiver). Therefore, TI recommends
adding CCCy externally.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com