Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 38 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 34Page - Texas Instruments TPS25751D Datasheet HTML 35Page - Texas Instruments TPS25751D Datasheet HTML 36Page - Texas Instruments TPS25751D Datasheet HTML 37Page - Texas Instruments TPS25751D Datasheet HTML 38Page - Texas Instruments TPS25751D Datasheet HTML 39Page - Texas Instruments TPS25751D Datasheet HTML 40Page - Texas Instruments TPS25751D Datasheet HTML 41Page - Texas Instruments TPS25751D Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
VVC_OVP
PP5V
VPHY_OVP
VPHY_OVP
CC1
CC2
VVC_RCP
max(VCC1, VCC2) - VPP5V
Control Logic
Disable PP_CABLE
and USB PD PHY
Tx
Figure 8-21. Overvoltage and Reverse Current Protection for CC1 and CC2
8.3.6 Default Behavior Configuration (ADCIN1, ADCIN2)
Note
This functionality is firmware controlled and subject to change.
The ADCINx inputs to the internal ADC control the behavior of the TPS25751 in response to VBUS being
supplied when VIN_3V3 is low (that is the dead-battery scenario). The ADCINx pins must be externally tied to
the LDO_3V3 pin via a resistive divider as shown in the following figure. At power-up the ADC converts the
ADCINx voltage and the digital core uses these two values to determine start-up behavior. The available start-up
configurations include options for I2C target address of I2Ct_SCL/SDA, sink path control in dead-battery, and
default configuration.
ADC
Mux an d
Divi ders
LDO_3V3
ADCINx
Figure 8-22. ADCINx Resistor Divider
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com