Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 14Page - Texas Instruments TPS25751D Datasheet HTML 15Page - Texas Instruments TPS25751D Datasheet HTML 16Page - Texas Instruments TPS25751D Datasheet HTML 17Page - Texas Instruments TPS25751D Datasheet HTML 18Page - Texas Instruments TPS25751D Datasheet HTML 19Page - Texas Instruments TPS25751D Datasheet HTML 20Page - Texas Instruments TPS25751D Datasheet HTML 21Page - Texas Instruments TPS25751D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
6.17 Input/Output (I/O) Characteristics (continued)
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADCIN1, ADCIN2
ADCIN_ILKG
ADCINx leakage current
VADCINx ≤ VLDO_3V3
–1
1
µA
tBOOT
Time from LDO_3V3 going
high until ADCINx is read for
configuration
10
ms
6.18 BC1.2 Characteristics
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DATA CONTACT DETECT
IDP_SRC
DCD source current
VLDO_3V3 = 3.3 V
7
10
13
µA
RDM_DWN
DCD pulldown resistance
VUSB_N = 3.6 V
14.25
20
24.8
kΩ
RDP_DWN
DCD pulldown resistance
VUSB_P = 3.6 V
14.25
20
24.8
kΩ
VLGC_HI
Threshold for no connection
VUSB_P ≥ VLGC_HI, VLDO_3V3 = 3.3 V,
RUSB_P = 300 kΩ
2
3.6
V
VLGC_LO
Threshold for connection
VUSB_N ≤ VLGC_LO, VLDO_3V3 = 3.3 V,
RUSB_P = 24.8 kΩ
0
0.8
V
Advertisement and Detection
VDX_ILIM
VDX_SRC current limit
250
400
µA
IDX_SNK
Sink Current
VUSB_P ≥ 250 mV
25
75
125
µA
IDX_SNK
Sink Current
VUSB_N ≥ 250 mV
25
75
125
µA
RDCP_DAT
Dedicated Charging Port Resistance
0.5 V ≤ VUSB_P ≤ 0.7 V, 25 µA ≤ IUSB_N
≤ 175 µA
200
Ω
6.19 I2C Requirements and Characteristics
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2Ct_IRQ
OD_VOL_IRQ
Low level output voltage
IOL = 2 mA
0.4
V
OD_LKG_IRQ
Leakage Current
Output is Hi-Z, VI2Cx_IRQ = 3.45 V
–1
1
µA
I2Cc_IRQ
IRQ_VIH
High-Level input voltage
VLDO_3V3 = 3.3 V
1.3
V
IRQ_VIH_THRESH
High-Level input voltage threshold VLDO_3V3 = 3.3 V
0.72
1.3
V
IRQ_VIL
low-level input voltage
VLDO_3V3 = 3.3 V
0.54
V
IRQ_VIL_THRESH
low-level input voltage threshold
VLDO_3V3 = 3.3 V
0.54
1.08
V
IRQ_HYS
input hysteresis voltage
VLDO_3V3 = 3.3 V
0.09
V
IRQ_DEG
input deglitch
20
ns
IRQ_ILKG
I2C3m_IRQ leakage current
VI2C3m_IRQ = 3.45 V
–1
1
µA
SDA and SCL Common Characteristics (Controller, Target)
VIL
Input low signal
VLDO_3V3 = 3.3 V
0.54
V
IOL
Max output low current
VOL = 0.4 V
15
mA
IOL
Max output low current
VOL = 0.6 V
20
mA
tf
Fall time from 0.7 × VDD to 0.3 ×
VDD
VDD = 1.8 V, 10 pF ≤ Cb ≤ 400 pF
12
80
ns
VDD = 3.3 V, 10 pF ≤ Cb ≤ 400 pF
12
150
ns
tSP
I2C pulse width suppressed
50
ns
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com