Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 53 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 53 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 49Page - Texas Instruments TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments TPS25751D Datasheet HTML 52Page - Texas Instruments TPS25751D Datasheet HTML 53Page - Texas Instruments TPS25751D Datasheet HTML 54Page - Texas Instruments TPS25751D Datasheet HTML 55Page - Texas Instruments TPS25751D Datasheet HTML 56Page - Texas Instruments TPS25751D Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
TPS25751
LDO_3V3
GPIOx/y
GPIO4
GND
GPIO5
USB Type-C
Connector
SBU1
SBU2
GND
Liquid Detection +
Protection Circuit
VBUS
CCx
VBUS
CCx
0V – 20V
0V – 3.3V (5V
for Vconn)
0V
3.3V
FET Control
RSaV
RSaCC
RSaG
3.3V
Figure 9-10. TPS25751 Liquid Detection Operation
9.2.2.3 BC1.2 Application
The TPS25751 supports BC1.2 detection and advertisement modes and are configurable through the Web Tool.
TPS25751
USB Type-C
Connector
VBUS
GND
CCx/Vconn
D+
D-
GPIO4
GPIO5
SW
SW
1.2 V
2.7 V
CDP
Detect
GPIO
USB2.0 Mux
USB
Host
VBUS
CCx/Vconn
Figure 9-11. BC1.2 Application Block Diargam
9.2.2.4 USB Data Support
The TPS25751 supports USB data speed up to USB 3.2 Gen 2. When entering USB enumeration, the
TPS25751 controls USB SuperSpeed Mux (TUSB1142) using GPIO controls. The GPIO control is configured
through using the Application Customization Tool, GPIO events are found in the Technical Reference Manual.
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com