Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 26Page - Texas Instruments TPS25751D Datasheet HTML 27Page - Texas Instruments TPS25751D Datasheet HTML 28Page - Texas Instruments TPS25751D Datasheet HTML 29Page - Texas Instruments TPS25751D Datasheet HTML 30Page - Texas Instruments TPS25751D Datasheet HTML 31Page - Texas Instruments TPS25751D Datasheet HTML 32Page - Texas Instruments TPS25751D Datasheet HTML 33Page - Texas Instruments TPS25751D Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
LDO
LDO_1V5
LDO
VREF
VREF
VIN_3V3
LDO_3V3
VBUS
RLDO_3V3
Figure 8-11. Power Supplies
The TPS25751 is powered from either VIN_3V3 or VBUS. The normal power supply input is VIN_3V3. When
powering from VIN_3V3, current flows from VIN_3V3 to LDO_3V3 to power the core 3.3-V circuitry and I/Os. A
second LDO steps the voltage down from LDO_3V3 to LDO_1V5 to power the 1.5-V core digital circuitry. When
VIN_3V3 power is unavailable and power is available on VBUS, it is referred to as the dead-battery start-up
condition. In a dead-battery start-up condition, the TPS25751 opens the VIN_3V3 switch until the host clears
the dead-battery flag through I2C. Therefore, the TPS25751 is powered from the VBUS input with the higher
voltage during the dead-battery start-up condition and until the dead-battery flag is cleared. When powering from
a VBUS input, the voltage on VBUS is stepped down through an LDO to LDO_3V3.
8.3.2.1 Power-On And Supervisory Functions
A power-on reset (POR) circuit monitors each supply. This POR allows active circuitry to turn on only when a
good supply is present.
8.3.2.2 VBUS LDO
The TPS25751 contains an internal high-voltage LDO which is capable of converting VBUS to 3.3 V for powering
internal device circuitry. The VBUS LDO is only used when VIN_3V3 is low (the dead-battery condition). The
VBUS LDO is powered from VBUS.
8.3.3 Power Paths
The TPS25751 has internal sourcing power paths: PP_5V and PP_CABLE. TPS25751D has a integrated
bidirectional high voltage load switch for sinking power path: PPHV. TPS25751S has a high voltage gate driver
for sink path control: PP_EXT. Each power path is described in detail in this section.
8.3.3.1 Internal Sourcing Power Paths
Figure 8-12 shows the TPS25751 internal sourcing power paths available in both TPS25751D and TPS25751S.
The TPS25751 features two internal 5-V sourcing power paths. The path from PP5V to VBUS is called PP_5V.
The path from PP5V to CCx is called PP_CABLE. Each path contains two back-to-back common drain N-FETs,
with current clamping protection, overvoltage protection, UVLO protection, and temperature sensing circuitry.
PP_5V can conduct up to 3 A continuously, while PP_CABLE can conduct up to 315 mA continuously. When
disabled, the blocking FET protects the PP5V rail from high-voltage that can appear on VBUS.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com