Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 52 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 52 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 48Page - Texas Instruments TPS25751D Datasheet HTML 49Page - Texas Instruments TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments TPS25751D Datasheet HTML 52Page - Texas Instruments TPS25751D Datasheet HTML 53Page - Texas Instruments TPS25751D Datasheet HTML 54Page - Texas Instruments TPS25751D Datasheet HTML 55Page - Texas Instruments TPS25751D Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
TPS25751
Rup
Rdown
LDO_3V3
GPIOx
GPIO4
GPIOy
GND
Rup
Rdown
GPIO5
USB Type-C
Connector
SBU1
SBU2
GND
TPD2S300
C_CC1
C_CC2
CC1
CC2
Liquid Detection +
Protection Circuit
Q_P1
Q_P2
Q_N1
Q_N2
3.3V
Figure 9-8. TPS25751 Liquid Detection Block Diagram - 2 GPIO Control
TPS25751
Rup
Rdown
LDO_3V3
GPIOx
GPIO4
GND
Rup
Rdown
GPIO5
USB Type-C
Connector
SBU1
SBU2
GND
TPD2S300
C_CC1
C_CC2
CC1
CC2
Liquid Detection +
Protection Circuit
Q_P1
Q_P2
Q_N1
Q_N2
3.3V
Figure 9-9. TPS25751 Liquid Detection Block Diagram - 1 GPIO Control
Table 9-3. Component Recommendation
Q_Pn (GPIO PMOS)
Q_Nn (GPIO NMOS)
Rup
Rdown
CSD25480F3 (Vgsth -0.95V or
similar)
CSD15380F3 (Vgsth 1.1V or
similar)
100kOhm (5%)
1MOhm (5%)
9.2.2.2.1 Liquid Detection Operation
The TPS25751 supports liquid detection by measuring the voltage level across the SBU pins of the Type-C
connector. When a short occurs across the SBU pins to another Type-C pin(s), the TPS25751 takes action to
protect the the Type-C port by disabling the power paths and notifies the embedded controller when applicable.
Once liquid has been detected, the TPS25751 continuously monitors the SBU voltage. During the SBU voltage
monitoring, if the liquid/short is no longer present the TPS25751 takes action to return to normal operation.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com