Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 82 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 82 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 78Page - Texas Instruments TPS25751D Datasheet HTML 79Page - Texas Instruments TPS25751D Datasheet HTML 80Page - Texas Instruments TPS25751D Datasheet HTML 81Page - Texas Instruments TPS25751D Datasheet HTML 82Page - Texas Instruments TPS25751D Datasheet HTML 83Page - Texas Instruments TPS25751D Datasheet HTML 84Page - Texas Instruments TPS25751D Datasheet HTML 85Page - Texas Instruments TPS25751D Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.27)
30X (0.55)
38X
(0.2)
30X
(0.4)
4X
(0.45)
4X (0.2)
(2.925)
(3.2)
2X (0.55)
(3.85)
4X (1.19)
6X
(0.69)
(R0.05) TYP
2X (1.66)
2X (1.56)
6X
(1.17)
2X (1.4)
WQFN - 0.8 mm max height
REF0038A
PLASTIC QUAD FLATPACK - NO LEAD
4226763/C 11/2021
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
PKG
METAL
TYP
BASED ON 0.1 mm THICK STENCIL
SOLDER PASTE EXAMPLE
EXPOSED PADS 39
78% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
EXPOSED PADS 40
80% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
6
7
19
20
25
26
38
39
40
METAL UNDER
SOLDER MASK
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com