Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 71 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 71 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 67Page - Texas Instruments TPS25751D Datasheet HTML 68Page - Texas Instruments TPS25751D Datasheet HTML 69Page - Texas Instruments TPS25751D Datasheet HTML 70Page - Texas Instruments TPS25751D Datasheet HTML 71Page - Texas Instruments TPS25751D Datasheet HTML 72Page - Texas Instruments TPS25751D Datasheet HTML 73Page - Texas Instruments TPS25751D Datasheet HTML 74Page - Texas Instruments TPS25751D Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
Figure 9-40. TPS25751S PCB Layout - Bottom Layer
9.4.2.2.2.1 TPS25751S Component Placement
LDO_1V5 (pin 4), LDO_3V3 (pin 1), and VIN_3V3 (pin 32)
The decoupling capacitors for LDO_3V3, LDO_1V5, and VIN_3V3 (C15, C16, and C17 respectively) need to
be placed as close as possible to TPS25751S device for optimal performance. For this example to minimize
solution size, the decoupling capacitors are placed on the bottom layer with their ground pads directly
underneath the ground pad of TPS25751S. Use a maximum of one via per pin from TPS25751S to the
decoupling capacitors if placed on a different layer. Use a minimum of 10mil trace width to route these three
traces, preferably with 16mil trace width if possible.
CC1 (pin 24) and CC2 (pin 25)
CC1 (C11) and CC2 (C10) capacitors need to be placed as close as possible to their respective pins and on the
same layer as the TPS25751S device. When routing the CCx traces, DO NOT via to another layer in between
the CCx pins of the TPS25751S to the CCx capacitors. Check to make sure the CCx capacitors are not place
outside the CC trace creating an antenna, instead have the traces pass directly through the CCx capacitor pads
as shown in the example layout (refer to figure 10-21). Use a minimum of 10mil trace width to ensure Vconn
support (5V/0.6A).
9.4.2.2.2.2 TPS25751S PP5V
The 10uF decoupling capacitor (C8) need to be placed as close as possible to the PP5V pins of TPS25751S.
DO NOT use traces for PP5V. The PP5V power plane needs to be sized to support up to 3.6A (up to 3A for
sourcing, 600mA for Vconn). When connecting the PP5V pins (pins 28 and 29) to the 5V power plane, use a
minimum of 4 vias in parallel and close to the device to improve current sharing. Minimize the bottle necks cause
by other vias or traces, large bottle necks reduces the efficiency of the power plane. The bulk capacitors (C6,
C7, and C9) represent capacitances from the system 5V rail, these are placed further away from TPS25751S on
the same PP5V power plane. Refer to figure 10-21 and figure 10-22 for placement and trace reference.
9.4.2.2.2.3 TPS25751S PP_EXT
Place the PP_EXT decoupling capacitors (C12, C13, and C14) as close as possible to TPS25751S, these do
not need to be on the same layer as the device. The PP_EXT power plane needs to be sized to support up to
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com