Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 49 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 45Page - Texas Instruments TPS25751D Datasheet HTML 46Page - Texas Instruments TPS25751D Datasheet HTML 47Page - Texas Instruments TPS25751D Datasheet HTML 48Page - Texas Instruments TPS25751D Datasheet HTML 49Page - Texas Instruments TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments TPS25751D Datasheet HTML 52Page - Texas Instruments TPS25751D Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
TPS25751S
I2C Controller
USB Type-C
Connector
SW
SW
VBUS
5A
GND
CCx
Vconn
I2Cc_SDA
I2Cc_SCL
I2Cc_IRQ
Battery Charger
PPEXT
System 5V
PP5V
GND
I2C Target
BAT
VIN
PG
GPIO
3A
Figure 9-4. TPS25751S Battery Charger System Block Diagram
9.2.1 Design Requirements
9.2.1.1 Programmable Power Supply (PPS) - Design Requirements
Programmable Power Supply (PPS) defines a specific voltage and current (Augmented Power Data Object)
that is used in direct charging applications. A PPS source needs to meet the source voltage and current
resolution required for direct charging applications. A PPS sink requests the voltage and current required for
direct charging within the capabilities of PPS source.
Table 9-1. PPS Source 60W/100W Requirements
Power Path
PD Power Source
VBUS Voltage
VBUS Current
TPS25751D - PPHV
60W/100W
5V - 21V (20mV Steps)
3A/5A (50mA Steps)
TPS25751S - PPEXT
60W/100W
5V - 21V (20mV Steps)
3A/5A (50mA Steps)
Table 9-2. PPS Sink 60W/100W Requirements
Power Path
PD Power Sink
VBUS Voltage
VBUS Current
TPS25751D - PPHV
60W/100W
5V - 21V
3A/5A
TPS25751S - PPEXT
60W/100W
5V - 21V
3A/5A
9.2.1.2 Liquid Detection Design Requirements
Portable Type-C and PD applications are subject to environments that wet the Type-C connector. Liquid on
the Type-C connector leads to corrosion or system damage. Detecting liquid leverages the SBU1/2 pins on the
Type-C connector to not interfere with USB2/3 operation or PD communication.
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com