Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 67 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 67 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 63Page - Texas Instruments TPS25751D Datasheet HTML 64Page - Texas Instruments TPS25751D Datasheet HTML 65Page - Texas Instruments TPS25751D Datasheet HTML 66Page - Texas Instruments TPS25751D Datasheet HTML 67Page - Texas Instruments TPS25751D Datasheet HTML 68Page - Texas Instruments TPS25751D Datasheet HTML 69Page - Texas Instruments TPS25751D Datasheet HTML 70Page - Texas Instruments TPS25751D Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
9.4.2 TPS25751S - Layout
9.4.2.1 Layout Guidelines
Proper routing and placement maintain signal integrity for high speed signals and improve the heat dissipation
from the power paths. The combination of power and high speed data signals are easily routed if the following
guidelines are followed. Best practice is to consult with board manufacturing to verify manufacturing capabilities.
9.4.2.1.1 Recommended Via Size
Proper via stitching is recommended to carrying current for the VBUS power paths and grounding. The
recommended minimum via size is shown below, but larger vias are an option for low density PCB designs.
A single via is capable of carrying 1A, verify the tolerance with the board manufacturing. Vias are recommended
to be tented when located close to the PD controller.
16mil
8mil
Figure 9-33. Recommend Minimum Via Size
9.4.2.1.2 Minimum Trace Widths
Below are the minimum trace widths for analog and digital pins. The trace width limitations are also defined by
the board manufacturing process used. Consult with manufacturing for determining the minimum trace widths
and tolerance.
Table 9-5. Minimum Trace Width
Route
Minimum Width (mils)
CC1, CC2
10
VIN_3V3, LDO
10
Component GND
16
GPIO
4
9.4.2.2 Layout Example
9.4.2.2.1 TPS25751S Schematic Layout Example
Follow the differential impedances for Super / High Speed signals defined by their specifications (USB2.0). All
I/O are fanned out to provide an example for routing out all pins, not all designs utilize all of the I/O on the
TPS25751S.
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com