Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 13Page - Texas Instruments TPS25751D Datasheet HTML 14Page - Texas Instruments TPS25751D Datasheet HTML 15Page - Texas Instruments TPS25751D Datasheet HTML 16Page - Texas Instruments TPS25751D Datasheet HTML 17Page - Texas Instruments TPS25751D Datasheet HTML 18Page - Texas Instruments TPS25751D Datasheet HTML 19Page - Texas Instruments TPS25751D Datasheet HTML 20Page - Texas Instruments TPS25751D Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
6.15 Thermal Shutdown Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD_MAIN
Temperature shutdown threshold
Temperature rising
145
160
175
°C
Hysteresis
15
°C
TSD_PP5V
Temperature controlled shutdown
threshold. The power paths for
each port sourcing from PP5V
and PP_CABLE power paths have
local sensors that disables them
when the temperature is exceeded
Temperature rising
135
150
165
°C
Hysteresis
10
°C
6.16 ADC Characteristics
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LSB
Least significant bit
3.6-V max scaling, voltage
divider of 3
14
mV
25.2-V max scaling, voltage
divider of 21
98
mV
4.07-A max scaling
16.5
mA
GAIN_ERR
Gain error
0.05 V ≤ VADCINx ≤ 3.6
V, VADCINx ≤ VLDO_3V3
–2.7
2.7
%
0.05 V ≤ VGPIOx ≤ 3.6 V, VGPIOx
≤ VLDO_3V3
2.7 V ≤ VLDO_3V3 ≤ 3.6 V
–2.4
2.4
0.6 V ≤ VVBUS ≤ 22 V
–2.1
2.1
1 A ≤ IVBUS ≤ 3 A
–2.1
2.1
VOS_ERR
Offset error
(1)
0.05 V ≤ VADCINx ≤ 3.6
V, VADCINx ≤ VLDO_3V3
–4.1
4.1
mV
0.05 V ≤ VGPIOx ≤ 3.6 V, VGPIOx
≤ VLDO_3V3
2.7 V ≤ VLDO_3V3 ≤ 3.6 V
–4.5
4.5
0.6 V ≤ VVBUS ≤ 22 V
–4.1
4.1
1 A ≤ IVBUS ≤ 3 A
–4.5
4.5
mA
(1)
The offset error is specified after the voltage divider.
6.17 Input/Output (I/O) Characteristics
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB_P, USB_N
GPIO_VIH
GPIOx high-Level input voltage
VLDO_3V3 = 3.3 V
1.3
V
GPIO_VIL
GPIOx low-level input voltage
VLDO_3V3 = 3.3 V
0.54
V
GPIO_HYS
GPIOx input hysteresis voltage
VLDO_3V3 = 3.3 V
0.09
V
GPIO_ILKG
GPIOx leakage current
VGPIOx = 3.45 V
–1
1
µA
GPIO_RPU
GPIOx internal pullup
Pullup enabled
50
100
150
kΩ
GPIO_RPD
GPIOx internal pulldown
Pulldown enabled
50
100
150
kΩ
GPIO_DG
GPIOx input deglitch
20
50
ns
GPIO0-7 (Outputs)
GPIO_VOH
GPIOx output high voltage
VLDO_3V3 = 3.3 V, IGPIOx= -2 mA
2.9
V
GPIO_VOL
GPIOx output low voltage
VLDO_3V3 = 3.3 V, IGPIOx = 2 mA
0.4
V
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com