Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 35 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 31Page - Texas Instruments TPS25751D Datasheet HTML 32Page - Texas Instruments TPS25751D Datasheet HTML 33Page - Texas Instruments TPS25751D Datasheet HTML 34Page - Texas Instruments TPS25751D Datasheet HTML 35Page - Texas Instruments TPS25751D Datasheet HTML 36Page - Texas Instruments TPS25751D Datasheet HTML 37Page - Texas Instruments TPS25751D Datasheet HTML 38Page - Texas Instruments TPS25751D Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
8.3.3.3.1 Overvoltage Protection (OVP)
The application firmware enables the OVP and configures it based on the expected VBUS voltage. If the
voltage on VBUS surpasses the configured threshold VOVP4VSYS = VOVP4RCP/rOVP, then GATE_VSYS
is automatically disabled within tPPHV_FSD to protect the system. If the voltage on VBUS surpasses the
configured threshold VOVP4RCP, then GATE_VBUS is automatically disabled within tPPHV_OVP. When
VVBUS falls below VOVP4RCP - VOVP4RCPH, GATE_VBUS is automatically re-enabled within tPPHV_ON
because the OVP condition has cleared. This action allows two sinking power paths to be enabled
simultaneously and GATE_VBUS disables when necessary to ensure that VVBUS remains below VOVP4RCP.
While the TPS25751D is in BOOT mode in a dead-battery scenario (that is VIN_3V3 is low), it handles an
OVP condition slightly differently. As long as the OVP condition is present, GATE_VBUS and GATE_VSYS are
disabled. Once the OVP condition clears, both GATE_VBUS and GATE_VSYS are re-enabled. Because this is
a dead-battery condition, the TPS25751D draws approximately IVIN_3V3, ActSnk from VBUS during this time to
help discharge it.
VOVP4VSYS = VOVP4RCP / rOVP
Power Path Supervisor
VOVP4RCP
Figure 8-18. Diagram for OVP Comparators
8.3.3.3.1.1 Reverse-Current Protection (RCP)
The VSYS gate control circuit monitors the PPHV and VBUS voltages and detects reverse current when the
VVSYS surpasses VVBUS by more than VRCP. When the reverse current condition is detected, GATE_VBUS is
disabled within tPPHV_RCP. When the reverse current condition is cleared, GATE_VBUS is re-enabled within
tPPHV_ON. This action limits the amount of reverse current that can flow from PPHV to VBUS through the
external N-ch MOSFETs. In reverse current protection mode, the power switch controlled by GATE_VBUS is
allowed to behave resistively until the current reaches VRCP/ RPPHV and then blocks reverse current from
PPHV to VBUS.
-VRCP
I
1/RPPHV
VRCP/RPPHV
V=VVBUS ± VPPHV
Copyright © 2018, Texas Instruments Incorporated
Figure 8-19. Switch I-V Curve for RCP on Sink-path Switches.
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com