Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 60 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 60 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 56Page - Texas Instruments TPS25751D Datasheet HTML 57Page - Texas Instruments TPS25751D Datasheet HTML 58Page - Texas Instruments TPS25751D Datasheet HTML 59Page - Texas Instruments TPS25751D Datasheet HTML 60Page - Texas Instruments TPS25751D Datasheet HTML 61Page - Texas Instruments TPS25751D Datasheet HTML 62Page - Texas Instruments TPS25751D Datasheet HTML 63Page - Texas Instruments TPS25751D Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
recommended capacitance CVIN_3V3 (see Recommended Capacitance) must be connected from the VIN_3V3
pin to the GND pin).
9.3.2 1.5-V Power
The internal circuitry is powered from 1.5 V. The 1.5-V LDO steps the voltage down from LDO_3V3 to 1.5 V. The
1.5-V LDO provides power to all internal low-voltage digital circuits which includes the digital core, and memory.
The 1.5-V LDO also provides power to all internal low-voltage analog circuits. Connect the recommended
capacitance CLDO_1V5 (see Recommended Capacitance) from the LDO_1V5 pin to the GND pin.
9.3.3 Recommended Supply Load Capacitance
Recommended Capacitance lists the recommended board capacitances for the various supplies. The typical
capacitance is the nominally rated capacitance that must be placed on the board as close to the pin as possible.
The maximum capacitance must not be exceeded on pins for which it is specified. The minimum capacitance is
minimum capacitance allowing for tolerances and voltage derating ensuring proper operation.
9.4 Layout
9.4.1 TPS25751D - Layout
9.4.1.1 Layout Guidelines
Proper routing and placement maintain signal integrity for high speed signals and improve the heat dissipation
from the power paths. The combination of power and high speed data signals are easily routed if the following
guidelines are followed. Best practice is to consult with board manufacturing to verify manufacturing capabilities.
9.4.1.1.1 Recommended Via Size
Proper via stitching is recommended to carrying current for the VBUS power paths and grounding. The
recommended minimum via size is shown below, but larger vias are an option for low density PCB designs.
A single via is capable of carrying 1A, verify the tolerance with the board manufacturing. Vias are recommended
to be tented when located close to the PD controller.
16mil
8mil
Figure 9-25. Recommend Minimum Via Size
9.4.1.1.2 Minimum Trace Widths
Below are the minimum trace widths for analog and digital pins. The trace width limitations are also defined by
the board manufacturing process used. Consult with manufacturing for determining the minimum trace widths
and tolerance.
Table 9-4. Minimum Trace Width
Route
Minimum Width (mils)
CC1, CC2
10
VIN_3V3, LDO
10
Component GND
16
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
60
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com