Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 50 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 50 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 46Page - Texas Instruments TPS25751D Datasheet HTML 47Page - Texas Instruments TPS25751D Datasheet HTML 48Page - Texas Instruments TPS25751D Datasheet HTML 49Page - Texas Instruments TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments TPS25751D Datasheet HTML 52Page - Texas Instruments TPS25751D Datasheet HTML 53Page - Texas Instruments TPS25751D Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
TPS25751
LDO_3V3
GPIOx/y
GPIO4
GND
GPIO5
USB Type-C
Connector
SBU1
SBU2
GND
Liquid Detection +
Protection Circuit
VBUS
CCx
VBUS
CCx
0V – 20V
0V – 3.3V (5V
for Vconn)
0V
3.3V
FET Control
RSaV
RSaCC
RSaG
3.3V
Figure 9-5. Liquid Detection Cases
9.2.1.3 BC1.2 Application Design Requirements
The PD controller taps the USB D+ and D- pins to provide BC1.2 detection and advertisement. The USB D+ and
D- are connected to the USB Host (DFP) or USB Device (UFP) from the Type-C connector for Charging Data
Port applications.
9.2.1.4 USB Data Support Design Requirements
For USB3 operation, the SSTX/RX are muxed to the Type-C connector. A SuperSpeed Mux generally has two
control signals; enable and plug orientation. The PD controller determines when a connection is detected and
drives the required GPIO to control the SuperSpeed Mux.
9.2.2 Detailed Design Procedure
9.2.2.1 Programmable Power Supply (PPS)
The TPS25751 supports Programmable Power Supply (PPS) source and sink. When the TPS25751 negotiates
a PPS contract as a source, the device enables the high-voltage power path (PPHV for D variant, PPEXT
for S variant) and communicate with the supported TI battery charger (BQ25792 and BQ25756) to supply the
negotiated voltage. TPS25751 only supports PPS within a 5V to 21V range according to PD 3.1 specification
and is enabled through the Application Customization Tool.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
50
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com