Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 68 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 68 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 64Page - Texas Instruments TPS25751D Datasheet HTML 65Page - Texas Instruments TPS25751D Datasheet HTML 66Page - Texas Instruments TPS25751D Datasheet HTML 67Page - Texas Instruments TPS25751D Datasheet HTML 68Page - Texas Instruments TPS25751D Datasheet HTML 69Page - Texas Instruments TPS25751D Datasheet HTML 70Page - Texas Instruments TPS25751D Datasheet HTML 71Page - Texas Instruments TPS25751D Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
GND
A1
S S TXp1
A2
S S TXn1
A3
VBUS
A4
CC1
A5
Dp1
A6
Dn1
A7
SBU1
A8
VBUS
A9
SSRXn2
A10
SSRXp2
A11
GND
B12
SSRXp1
B11
SSRXn1
B10
VBUS
B9
SBU2
B8
CC2
B5
VBUS
B4
S S TXn2
B3
S S TXp2
B2
GND
B1
GND
A12
SHIELD
S1
SHIELD
S2
SHIELD
S3
SHIELD
S4
Dp2
B6
Dn2
B7
J1
DX07S 024J J 2R1300
P3V3
VBUS
PP5V
LDO_3V3
LDO_1V5
0.01uF
C2
0.01uF
C3
0.01uF
C4
0.01uF
C5
GND
10uF
C9
GND
100uF
C6
100uF
C7
I2Ct_SCL
I2Ct_SDA
I2Ct_IRQ
I2Cc_SCL
I2Cc_SDA
I2Cc_IRQ
R6
10kΩ
R3
10kΩ
LDO_3V3
R5
2.2kΩ
R4
2.2kΩ
R2
2.2kΩ
R1
2.2kΩ
GND
GP IO0
GP IO1
GP IO2
GP IO3
GP IO4
GP IO5
GP IO6
GP IO7
GP IO11
ADCIN1
ADCIN2
330pF
C11
330pF
C10
GND
CC1
CC2
22uF
C12
22uF
C13
10uF
C14
GND
PPHV
P 3V3
LDO_1V5
LDO_3V3
GND
GND
GND
GND
GND
VBUS
VBUS
VBUS
VBUS
CC1
CC2
4.7uF
C1
LDO_3V3
1
VIN_3V3
32
ADCIN1
2
ADCIN2
3
GPIO0
5
GPIO1
6
GPIO2
7
GPIO3
18
GPIO4/USB_P/MD1
22
GPIO5/USB_N/MD2
23
GPIO6
31
GPIO7
30
GPIO11
13
I2Ct_SCL
9
I2Ct_SDA
8
I2Cc_SCL
16
I2Cc_SDA
15
I2Cc_IRQ
17
I2Ct_IRQ
10
LDO_1V5
4
VSYS
19
GATE_VBUS
21
GATE_VSYS
20
CC1
24
CC2
25
VBUS
26
VBUS
27
PP5V
28
PP5V
29
GND
11
GND
12
GND
14
GND
33
TP S 25751S RSMR
U1
A2
A1
B2
B1
D2
D1
E2
E1
Q1
CS D87501L
GATE_VBUS
GATE_VSYS
VBUS
PPHV
GATE_VBUS
GATE_VSYS
10uF
C17
10uF
C16
10uF
C15
10uF
C8
TVS 2200DRVR
U2
GND
Figure 9-34. TPS25751S Example Schematic
9.4.2.2.2 TPS25751S Layout Example - PCB Plots
The following TPS25751S PCB Layout figures show the recommended layout, placement, and routing.
Figure 9-35. TPS25751S PCB Layout - Top Composite
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com