Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 81 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 81 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 77Page - Texas Instruments TPS25751D Datasheet HTML 78Page - Texas Instruments TPS25751D Datasheet HTML 79Page - Texas Instruments TPS25751D Datasheet HTML 80Page - Texas Instruments TPS25751D Datasheet HTML 81Page - Texas Instruments TPS25751D Datasheet HTML 82Page - Texas Instruments TPS25751D Datasheet HTML 83Page - Texas Instruments TPS25751D Datasheet HTML 84Page - Texas Instruments TPS25751D Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
30X (0.4)
30X (0.55)
38X (0.2)
(1.56)
(1.53)
(2.72)
2X
(1.075)
4X
(0.45)
4X (0.2)
(2.925)
(3.2)
2X (0.55)
(R0.05) TYP
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
(
0.2) TYP
VIA
(3.85)
2X
(2.65)
(2.075)
(0.145)
(0.965)
WQFN - 0.8 mm max height
REF0038A
PLASTIC QUAD FLATPACK - NO LEAD
4226763/C 11/2021
PKG
1
6
7
19
20
25
26
38
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:18X
39
40
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
NOTES: (continued)
4. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
PADS 20-25 & 32-35
EXPOSED METAL
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
NOT TO SCALE
DEFINED
EXPOSED METAL
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com