Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 48 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 44Page - Texas Instruments TPS25751D Datasheet HTML 45Page - Texas Instruments TPS25751D Datasheet HTML 46Page - Texas Instruments TPS25751D Datasheet HTML 47Page - Texas Instruments TPS25751D Datasheet HTML 48Page - Texas Instruments TPS25751D Datasheet HTML 49Page - Texas Instruments TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments TPS25751D Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
TPS25751S
I2C
Controller
I2Cc_SDA
I2Cc_SCL
I2Cc_IRQ
Battery Charger
USB Type-C
Connector
SW
VBUS
3A
PPEXT
GND
System 5V
PP5V
GND
CCx/Vconn
I2C Target #1
VIN
BAT
EEPROM I2C Target #2
I2C
Target
I2Ct_SDA
I2Ct_SCL
I2Ct_IRQ
Host Control
I2C Controller
GPIO
USB SS Mux
CC Control
and Vconn
VBUS
CCx/Vconn
SSTX1/RX1
SSTX2/RX2
Liquid
Detection
*ADC +
GPIO
SBU1
SBU2
GND
*BC1.2
DP
DM
SSTX/RX
SW
5A
Figure 9-2. TPS25751S Battery Charger & Full System Block Diagram
TPS25751D
I2C Controller
I2Cc_SDA
I2Cc_SCL
I2Cc_IRQ
Battery Charger
USB Type-C
Connector
SW
SW
VBUS
5A
PPHV
GND
System 5V
PP5V
GND
CCx
Vconn
VIN
BAT
3A
PG
I2C Target
GPIO
Figure 9-3. TPS25751D Battery Charger System Block Diagram
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com