Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 54 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 54 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments TPS25751D Datasheet HTML 52Page - Texas Instruments TPS25751D Datasheet HTML 53Page - Texas Instruments TPS25751D Datasheet HTML 54Page - Texas Instruments TPS25751D Datasheet HTML 55Page - Texas Instruments TPS25751D Datasheet HTML 56Page - Texas Instruments TPS25751D Datasheet HTML 57Page - Texas Instruments TPS25751D Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
TPS25751D
I2C
Controller
I2Cc_SDA
I2Cc_SCL
I2Cc_IRQ
Battery Charger
USB Type-C
Connector
SW
SW
VBUS
5A
3A
PPHV
GND
System 5V
PP5V
GND
CCx/Vconn
I2C Target #1
VIN
BAT
EEPROM I2C Target #2
I2C
Target
I2Ct_SDA
I2Ct_SCL
I2Ct_IRQ
Host Control
I2C Controller
GPIO
USB SS Mux
CC Control
and Vconn
VBUS
CCx/Vconn
SSTX1/RX1
SSTX2/RX2
Liquid
Detection
*ADC +
GPIO
SBU1
SBU2
GND
*BC1.2
DP
DM
SSTX/RX
Figure 9-12. TPS25751D USB Data Support
TPS25751S
I2C
Controller
I2Cc_SDA
I2Cc_SCL
I2Cc_IRQ
Battery Charger
USB Type-C
Connector
SW
VBUS
3A
PPEXT
GND
System 5V
PP5V
GND
CCx/Vconn
I2C Target #1
VIN
BAT
EEPROM I2C Target #2
I2C
Target
I2Ct_SDA
I2Ct_SCL
I2Ct_IRQ
Host Control
I2C Controller
GPIO
USB SS Mux
CC Control
and Vconn
VBUS
CCx/Vconn
SSTX1/RX1
SSTX2/RX2
Liquid
Detection
*ADC +
GPIO
SBU1
SBU2
GND
*BC1.2
DP
DM
SSTX/RX
SW
5A
Figure 9-13. TPS25751S USB Data Support
9.2.3 Application Curves
9.2.3.1 Programmable Power Supply (PPS) Application Curves
The following are captured when the TPS25751 is acting as a PPS Source. The VBUS plot shows the PPS
negotiation increasing and decreasing from 5V to 21V to 5V. The PD negotaition snap shot shows the VBUS
requested voltage increasing by 100mV.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
54
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com