Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 10Page - Texas Instruments TPS25751D Datasheet HTML 11Page - Texas Instruments TPS25751D Datasheet HTML 12Page - Texas Instruments TPS25751D Datasheet HTML 13Page - Texas Instruments TPS25751D Datasheet HTML 14Page - Texas Instruments TPS25751D Datasheet HTML 15Page - Texas Instruments TPS25751D Datasheet HTML 16Page - Texas Instruments TPS25751D Datasheet HTML 17Page - Texas Instruments TPS25751D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
6.11 Power Path Supervisory
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOVP4RCP
VBUS overvoltage protection for RCP
programmable range
OVP detected when VVBUS >
VOVP4RCP
5.0
24
V
VOVP4RCPH
Hysteresis
1.75
2
2.25
%
rOVP
Ratio of OVP4RCP input used
for OVP4VSYS comparator. rOVP ×
VOVP4VSYS = VOVP4RCP
setting 0
1
V/V
setting 1
0.95
V/V
setting 2
0.90
V/V
setting 3
0.875
V/V
VOVP4VSYS
VBUS overvoltage protection range for
VSYS protection
OVP detected when rOVP ×
VVBUS > VOVP4RCP
5
27.5
V
VOVP4VSYS
Hysteresis
VBUS falling, % of
VOVP4VSYS, rOVP setting 0
1.75
2
2.25
%
VBUS falling, % of
VOVP4VSYS, rOVP setting 1
1.8
2.1
2.4
VBUS falling, % of
VOVP4VSYS, rOVP setting 2
1.9
2.2
2.5
VBUS falling, % of
VOVP4VSYS, rOVP setting 3
2
2.3
2.6
VPP5V_UVLO
Voltage required on PP5V
rising
3.9
4.1
4.3
V
falling
3.8
4.0
4.2
hysteresis
0.1
IDSCH
VBUS discharge current
VVBUS = 22 V, measure
IVBUS
4
15
mA
6.12 CC Cable Detection Parameters
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Type-C Source (Rp pullup)
VOC_3.3
Unattached CCy open circuit
voltage while Rp enabled, no load
VLDO_3V3 > 2.302 V, RCC = 47 kΩ
1.85
V
VOC_5
Attached CCy open circuit voltage
while Rp enabled, no load
VPP5V > 3.802 V, RCC = 47 kΩ
2.95
V
IRev
Unattached reverse current on
CCy
VCCy = 5.5 V, VCCx = 0 V,
VLDO_3V3_UVLO < VLDO_3V3 < 3.6
V, VPP5V = 3.8 V, measure current
into CCy
10
µA
VCCy = 5.5 V, VCCx = 0 V,
VLDO_3V3_UVLO < VLDO_3V3 < 3.6 V,
VPP5V = 0, TJ ≤ 85°C, measure
current into CCy
10
IRpDef
Current source - USB Default
0 < VCCy < 1.0 V, measure ICCy
64
80
96
µA
IRp1.5
Current source - 1.5 A
4.75 V < VPP5V < 5.5 V, 0 < VCCy <
1.5 V, measure ICCy
166
180
194
µA
IRp3.0
Current source - 3.0 A
4.75 V < VPP5V < 5.5 V, 0 < VCCy <
2.45 V, measure ICCy
304
330
356
µA
Type-C Sink (Rd pulldown)
VSNK1
Open/Default detection threshold
when Rd applied to CCy
rising
0.2
0.24
V
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com