Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 66 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 66 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 62Page - Texas Instruments TPS25751D Datasheet HTML 63Page - Texas Instruments TPS25751D Datasheet HTML 64Page - Texas Instruments TPS25751D Datasheet HTML 65Page - Texas Instruments TPS25751D Datasheet HTML 66Page - Texas Instruments TPS25751D Datasheet HTML 67Page - Texas Instruments TPS25751D Datasheet HTML 68Page - Texas Instruments TPS25751D Datasheet HTML 69Page - Texas Instruments TPS25751D Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
I2Cc_SDA/SCL/IRQ (pins 8, 9, and 10) and I2Ct_SCL/SDA/IRQ (pins 16, 17, and 18)
Minimize trace width changes to avoid I2C communication issues.
ADCIN1 and ADCIN2 (pins 2 and 3)
Keep the ADCINx traces away from switching elements. If a resistor divider is used, place the divider close to
LDO_3V3 or LDO_1V5.
GPIO (pins 5, 6, 7, 19, 26, 27, 37, 36, and 13)
Separate GPIO traces running in parallel by a trace width. Keep the GPIOx traces away from switching
elements.
9.4.1.2.2.6 TPS25751D DRAIN
The DRAIN pad is used to dissipate heat for the internal high voltage power path (PPHV). Connect the Drain
pins (pins 15 and 30) to the Drain pad underneath the TPS25751D device. Connect the through hole vias from
the drain pad on the top layer to a copper pour on the bottom layer to help dissipate heat. Additional vias can be
added to improve thermal dissipation.
9.4.1.2.2.7 TPS25751D GND
The GND pad is used to dissipate heat for the TPS25751D device. Connect the GND pins (pins 11, 12, 14 and
31) to the Ground pad underneath the TPS25751D device. Connect the through hole vias from the ground pad
on the top layer to a copper pour on the bottom layer to help dissipate heat. Additional vias can be added to
improve thermal dissipation.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
66
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com