Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 72 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 72 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 68Page - Texas Instruments TPS25751D Datasheet HTML 69Page - Texas Instruments TPS25751D Datasheet HTML 70Page - Texas Instruments TPS25751D Datasheet HTML 71Page - Texas Instruments TPS25751D Datasheet HTML 72Page - Texas Instruments TPS25751D Datasheet HTML 73Page - Texas Instruments TPS25751D Datasheet HTML 74Page - Texas Instruments TPS25751D Datasheet HTML 75Page - Texas Instruments TPS25751D Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
5A of current. When connecting the PP_EXT plane to a different layer, use a minimum of 6 vias in parallel per
layer change. It is highly recommended to have more than 6 vias if possible for layer change to improve current
sharing and efficiency.
VSYS (pin 19)
The VSYS pin (pin 19) can be connected with a trace (recommended 6mil trace width) to any of the vias on the
PPHV plane. It is recommended to connect to a via close to the source pin of the VSYS N-ch MOSFET(pins A2,
B2, D2, and E2 of the Q1 FET in the example schematic) to improve reverse current sensing protection. Refer to
section 9.3.3.2.2 for additional information on RCP.
9.4.2.2.2.4 TPS25751S VBUS
VBUS (pins 26 and 27)
Place the VBUS decoupling capacitor (C1) as close as possible to TPS25751S, the capacitor does not need to
be on the same layer as the device. The VBUS power plane need to be sized to support up to 5A of current
if 100W application is required. When connecting the VBUS pins (pins 26 and 27) plane to a different layer,
use a minimum of 3 vias per layer change. When connecting the VBUS power plane to a different layer, use a
minimum of 6 vias per layer change. Refer to figure 10-21 and figure 10-22 for capacitors and via placement.
At the Type-C port/connector, it is recommended to use minimum of 6 vias from the connector VBUS pins for
layer changes. Place the 10nF caps (C2, C3, C4, and C5) and the 22V TVS diode (U2) as close as possible to
the connector VBUS pins as shown in figure 10-22.
When routing the VBUS power plane from the Type-C connector to the TPS25751S VBUS pins, minimize bottle
necks caused by other vias and traces to improve current flow. The example layout shown in figure 10-24 uses
an internal layer to route the VBUS plane from the connector to TPS25751S.
9.4.2.2.2.5 TPS25751S I/O
I2C, ADCIN1/2, and GPIO pins
Fan these traces out from the TPS25751S, use vias to connect the net to a routing layer if needed. For these
nets, use 4mil to 10mil trace width.
I2Cc_SDA/SCL/IRQ (pins 8, 9, and 10) and I2Ct_SCL/SDA/IRQ (pins 15, 16, and 17)
Minimize trace width changes to avoid I2C communication issues.
ADCIN1 and ADCIN2 (pins 2 and 3)
Keep the ADCINx traces away from switching elements. If a resistor divider is used, place the divider close to
LDO_3V3 or LDO_1V5.
GPIO (pins 5, 6, 7, 18, 22, 23, 31, 30, and 13)
Separate GPIO traces running in parallel by a trace width. Keep the GPIOx traces away from switching
elements.
9.4.2.2.2.6 TPS25751S PPEXT Gate Driver
GATE_VSYS (pin 20)
The GATE_VSYS pin (pin 20) can be connected with a trace (recommended 6mil trace width) to the gate pins of
the N-ch MOSFET with source tied to PPHV. It is recommended to NOT via directly to the gate pin of the N-ch
MOSFET, instead use via(s) to connect the GATE_VSYS pin from the TPS25751S to the gate pin of the N-ch
MOSFET. Refer to figure 10-21 and figure 10-22 for examples on how to connect the traces.
GATE_VBUS (pin 21)
The GATE_VBUS pin (pin 21) can be connected with a trace (recommended 6mil trace width) to the gate pins of
the N-ch MOSFET with source tied to VBUS. It is recommended to NOT via directly to the gate pin of the N-ch
MOSFET, instead use via(s) to connect the GATE_VBUS pin from the TPS25751S to the gate pin of the N-ch
MOSFET. Refer to figure 10-21 and figure 10-22 for examples on how to connect the traces.
TPS25751
SLVSH93 – OCTOBER 2023
www.ti.com
72
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com