Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 47 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 43Page - Texas Instruments TPS25751D Datasheet HTML 44Page - Texas Instruments TPS25751D Datasheet HTML 45Page - Texas Instruments TPS25751D Datasheet HTML 46Page - Texas Instruments TPS25751D Datasheet HTML 47Page - Texas Instruments TPS25751D Datasheet HTML 48Page - Texas Instruments TPS25751D Datasheet HTML 49Page - Texas Instruments TPS25751D Datasheet HTML 50Page - Texas Instruments TPS25751D Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TPS25751 is a stand-alone Type-C PD controller for power-only USB-PD applications. Initial device
configuration is configured from an external EEPROM through a firmware configuration bundle loaded on to
the device during boot. The bundle is loaded over I2C from an external EEPROM. The TPS25751 firmware
configuration can be customized for each specific application. The firmware configuration can be generated
through the Web Tool.
The TPS25751 is ideal for single port power applications supporting the following PD architectures.
• Designs for both Power Provider (Source) and Power Consumer (Sink)
• Designs for Power Consumer (Sink)
An external EEPROM is required to download a pre-configured firmware on the TPS25751 device through the
I2C interface.
The TPS25751 firmware can be configured using the Web Tool for the application-specific PD charging
architecture requirements and data roles. The tool also provides additional optional firmware configuration that
integrates control for select Battery Charger Products (BQ). The TPS25751 I2C controller interfaces with the
Battery Chargers with pre-configured GPIO settings and I2C controller events. The Application Customization
Tool available with the TPS25751 provides details of the supported Battery Charger Products (BQ).
9.2 Typical Application
The following show the block diagrams for various applications. Note that some of these features are GPIO
usage dependent.
TPS25751D
I2C
Controller
I2Cc_SDA
I2Cc_SCL
I2Cc_IRQ
Battery Charger
USB Type-C
Connector
SW
SW
VBUS
5A
3A
PPHV
GND
System 5V
PP5V
GND
CCx/Vconn
I2C Target #1
VIN
BAT
EEPROM I2C Target #2
I2C
Target
I2Ct_SDA
I2Ct_SCL
I2Ct_IRQ
Host Control
I2C Controller
GPIO
USB SS Mux
CC Control
and Vconn
VBUS
CCx/Vconn
SSTX1/RX1
SSTX2/RX2
Liquid
Detection
*ADC +
GPIO
SBU1
SBU2
GND
*BC1.2
DP
DM
SSTX/RX
Figure 9-1. TPS25751D Battery Charger & Full System Block Diagram
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com