Electronic Components Datasheet Search
  English  ▼

X  

TPS25751D Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS25751D
Description  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 15Page - Texas Instruments TPS25751D Datasheet HTML 16Page - Texas Instruments TPS25751D Datasheet HTML 17Page - Texas Instruments TPS25751D Datasheet HTML 18Page - Texas Instruments TPS25751D Datasheet HTML 19Page - Texas Instruments TPS25751D Datasheet HTML 20Page - Texas Instruments TPS25751D Datasheet HTML 21Page - Texas Instruments TPS25751D Datasheet HTML 22Page - Texas Instruments TPS25751D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
6.19 I2C Requirements and Characteristics (continued)
Operating under these conditions unless otherwise noted: 3.0 V ≤ VVIN_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cb
Capacitive load for each bus line
(external)
400
pF
SDA and SCL Standard Mode Characteristics (Target)
fSCLS
Clock frequency for target
VDD = 1.8 V or 3.3 V
100
kHz
tVD;DAT
Valid data time
Transmitting Data, VDD = 1.8 V or
3.3 V, SCL low to SDA output valid
3.45
µs
tVD;ACK
Valid data time of ACK condition
Transmitting Data, VDD = 1.8 V or
3.3 V, ACK signal from SCL low to
SDA (out) low
3.45
µs
SDA and SCL Fast Mode Characteristics (Target)
fSCLS
Clock frequency for target
VDD = 1.8 V or 3.3 V
100
400
kHz
tVD;DAT
Valid data time
Transmitting data, VDD = 1.8 V,
SCL
low to SDA output valid
0.9
µs
tVD;ACK
Valid data time of ACK condition
Transmitting data, VDD = 1.8 V or
3.3 V, ACK
signal from SCL low to SDA (out)
low
0.9
µs
fSCLS
Clock frequency for Fast Mode
Plus(1)
VDD = 1.8 V or 3.3 V
400
800
kHz
tVD;DAT
Valid data time
Transmitting data, VDD = 1.8 V or
3.3 V, SCL
low to SDA output valid
0.55
µs
tVD;ACK
Valid data time of ACK condition
Transmitting data, VDD = 1.8 V or
3.3 V, ACK
signal from SCL low to SDA (out)
low
0.55
µs
tLOW
Clock low time
VDD = 3.3 V
1.3
µs
tHIGH
Clock high time
VDD = 3.3 V
0.6
µs
(1)
Controller must control fSCLS to ensure tLOW > tVD; ACK.
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com