Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 129 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 125Page - ATMEL Corporation AT91 Datasheet HTML 126Page - ATMEL Corporation AT91 Datasheet HTML 127Page - ATMEL Corporation AT91 Datasheet HTML 128Page - ATMEL Corporation AT91 Datasheet HTML 129Page - ATMEL Corporation AT91 Datasheet HTML 130Page - ATMEL Corporation AT91 Datasheet HTML 131Page - ATMEL Corporation AT91 Datasheet HTML 132Page - ATMEL Corporation AT91 Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 153 page
background image
129
AT91X40 Series
1354D–ATARM–08/02
Output Controller
The output controller defines the output level changes on TIOA and TIOB following an
event. TIOB control is used only if TIOB is defined as output (not as an external event).
The following events control TIOA and TIOB: software trigger, external event and RC
compare. RA compare controls TIOA and RB compare controls TIOB. Each of these
events can be programmed to set, clear or toggle the output as defined in the corre-
sponding parameter in TC_CMR.
The tables below show which parameter in TC_CMR is used to define the effect of each
event.
If two or more events occur at the same time, the priority level is defined as follows:
1.
Software Trigger
2.
External Event
3.
RC Compare
4.
RA or RB Compare
Status
The following bits in the status register are significant in Waveform Mode:
•
CPAS: RA Compare Status
There has been a RA Compare match at least once since the last read of the status
•
CPBS: RB Compare Status
There has been a RB Compare match at least once since the last read of the status
•
CPCS: RC Compare Status
There has been a RC Compare match at least once since the last read of the status
•
COVFS: Counter Overflow
Counter has attempted to count past $FFFF since the last read of the status
•
ETRGS: External Trigger
External trigger has been detected since the last read of the status
Note:
All the status bits are set when the corresponding event occurs and they are automati-
cally cleared when the Status Register is read.
Parameter
TIOA Event
ASWTRG
Software Trigger
AEEVT
External Event
ACPC
RC Compare
ACPA
RA Compare
Parameter
TIOB Event
BSWTRG
Software Trigger
BEEVT
External Event
BCPC
RC Compare
BCPB
RB Compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com