Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 131 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 127Page - ATMEL Corporation AT91 Datasheet HTML 128Page - ATMEL Corporation AT91 Datasheet HTML 129Page - ATMEL Corporation AT91 Datasheet HTML 130Page - ATMEL Corporation AT91 Datasheet HTML 131Page - ATMEL Corporation AT91 Datasheet HTML 132Page - ATMEL Corporation AT91 Datasheet HTML 133Page - ATMEL Corporation AT91 Datasheet HTML 134Page - ATMEL Corporation AT91 Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 153 page
background image
131
AT91X40 Series
1354D–ATARM–08/02
TC User Interface
TC Base Address: 0xFFFE0000 (Code Label TC_BASE)
TC_BCR (Block Control Register) and TC_BMR (Block Mode Register) control the TC block. TC Channels are controlled
by the registers listed in Table 17. The offset of each of the Channel registers in Table 17 is in relation to the offset of the
corresponding channel as mentioned in Table 16.
Note:
Read Only if WAVE = 0
Table 16. TC Global Memory Map
Offset
Channel/Register
Name
Access
Reset State
0x00
TC Channel 0
See Table 17
0x40
TC Channel 1
See Table 17
0x80
TC Channel 2
See Table 17
0xC0
TC Block Control Register
TC_BCR
Write Only
–
0xC4
TC Block Mode Register
TC_BMR
Read/Write
0
Table 17. TC Channel Memory Map
Offset
Register
Name
Access
Reset State
0x00
Channel Control Register
TC_CCR
Write Only
–
0x04
Channel Mode Register
TC_CMR
Read/Write
0
0x08
Reserved
–
0x0C
Reserved
–
0x10
Counter Value
TC_CV
Read/Write
0
0x14
Register A
TC_RA
Read/Write(1)
0
0x18
Register B
TC_RB
Read/Write(1)
0
0x1C
Register C
TC_RC
Read/Write
0
0x20
Status Register
TC_SR
Read Only
0
0x24
Interrupt Enable Register
TC_IER
Write Only
–
0x28
Interrupt Disable Register
TC_IDR
Write Only
–
0x2C
Interrupt Mask Register
TC_IMR
Read Only
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com