Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 131Page - ATMEL Corporation AT91 Datasheet HTML 132Page - ATMEL Corporation AT91 Datasheet HTML 133Page - ATMEL Corporation AT91 Datasheet HTML 134Page - ATMEL Corporation AT91 Datasheet HTML 135Page - ATMEL Corporation AT91 Datasheet HTML 136Page - ATMEL Corporation AT91 Datasheet HTML 137Page - ATMEL Corporation AT91 Datasheet HTML 138Page - ATMEL Corporation AT91 Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 153 page
background image
135
AT91X40 Series
1354D–ATARM–08/02
TC Channel Mode Register: Capture Mode
Register Name: TC_CMR
Access Type:
Read/Write
Reset Value:0
Offset:
0x04
• TCCLKS: Clock Selection
• CLKI: Clock Invert (Code Label TC_CLKI)
0 = Counter is incremented on rising edge of the clock.
1 = Counter is incremented on falling edge of the clock.
• BURST: Burst Signal Selection
• LDBSTOP: Counter Clock Stopped with RB Loading (Code Label TC_LDBSTOP)
0 = Counter clock is not stopped when RB loading occurs.
1 = Counter clock is stopped when RB loading occurs.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
––
LDRB
LDRA
15
14
13
12
11
10
9
8
WAVE = 0
CPCTRG
–––
ABETRG
ETRGEDG
76
54
32
10
LDBDIS
LDBSTOP
BURST
CLKI
TCCLKS
TCCLKS
Clock Selected
Code Label
TC_CLKS
000
MCK/2
TC_CLKS_MCK2
001
MCK/8
TC_CLKS_MCK8
010
MCK/32
TC_CLKS_MCK32
011
MCK/128
TC_CLKS_MCK128
100
MCK/1024
TC_CLKS_MCK1024
101
XC0
TC_CLKS_XC0
110
XC1
TC_CLKS_XC1
111
XC2
TC_CLKS_XC2
BURST
Selected BURST
Code Label
TC_BURST
0
0
The clock is not gated by an external signal
TC_BURST_NONE
0
1
XC0 is ANDed with the selected clock
TC_BURST_XC0
1
0
XC1 is ANDed with the selected clock
TC_BURST_XC1
1
1
XC2 is ANDed with the selected clock
TC_BURST_XC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com