Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 134Page - ATMEL Corporation AT91 Datasheet HTML 135Page - ATMEL Corporation AT91 Datasheet HTML 136Page - ATMEL Corporation AT91 Datasheet HTML 137Page - ATMEL Corporation AT91 Datasheet HTML 138Page - ATMEL Corporation AT91 Datasheet HTML 139Page - ATMEL Corporation AT91 Datasheet HTML 140Page - ATMEL Corporation AT91 Datasheet HTML 141Page - ATMEL Corporation AT91 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 153 page
background image
138
AT91X40 Series
1354D–ATARM–08/02
• CPCDIS: Counter Clock Disable with RC Compare (Code Label TC_CPCDIS)
0 = Counter clock is not disabled when counter reaches RC.
1 = Counter clock is disabled when counter reaches RC.
• EEVTEDG: External Event Edge Selection
• EEVT: External Event Selection
Note:
If TIOB is chosen as the external event signal, it is configured as an input and no longer generates waveforms.
• ENETRG: External Event Trigger Enable (Code Label TC_ENETRG)
0 = The external event has no effect on the counter and its clock. In this case, the selected external event only controls the
TIOA output.
1 = The external event resets the counter and starts the counter clock.
• CPCTRG: RC Compare Trigger Enable (Code Label TC_CPCTRG)
0 = RC Compare has no effect on the counter and its clock.
1 = RC Compare resets the counter and starts the counter clock.
• WAVE = 1 (Code Label TC_WAVE)
0 = Waveform Mode is disabled (Capture Mode is enabled).
1 = Waveform Mode is enabled.
• ACPA: RA Compare Effect on TIOA
EEVTEDG
Edge
Code Label
TC_EEVTEDG
00
None
TC_EEVTEDG_EDGE_NONE
0
1
Rising edge
TC_EEVTEDG_RISING_EDGE
1
0
Falling edge
TC_EEVTEDG_FALLING_EDGE
1
1
Each edge
TC_EEVTEDG_BOTH_EDGE
EEVT
Signal Selected as
External Event
TIOB Direction
Code Label
TC_EEVT
0
0
TIOB
Input(1)
TC_EEVT_TIOB
0
1
XC0
Output
TC_EEVT_XC0
1
0
XC1
Output
TC_EEVT_XC1
1
1
XC2
Output
TC_EEVT_XC2
ACPA
Effect
Code Label
TC_ACPA
0
0
None
TC_ACPA_OUTPUT_NONE
01
Set
TC_ACPA_SET_OUTPUT
10
Clear
TC_ACPA_CLEAR_OUTPUT
11
Toggle
TC_ACPA_TOGGLE_OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com