Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 137 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 133Page - ATMEL Corporation AT91 Datasheet HTML 134Page - ATMEL Corporation AT91 Datasheet HTML 135Page - ATMEL Corporation AT91 Datasheet HTML 136Page - ATMEL Corporation AT91 Datasheet HTML 137Page - ATMEL Corporation AT91 Datasheet HTML 138Page - ATMEL Corporation AT91 Datasheet HTML 139Page - ATMEL Corporation AT91 Datasheet HTML 140Page - ATMEL Corporation AT91 Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 153 page
background image
137
AT91X40 Series
1354D–ATARM–08/02
TC Channel Mode Register: Waveform Mode
Register Name: TC_CMR
Access Type:
Read/Write
Reset Value:0
Offset:
0x04
• TCCLKS: Clock Selection
• CLKI: Clock Invert (Code Label TC_CLKI)
0 = Counter is incremented on rising edge of the clock.
1 = Counter is incremented on falling edge of the clock.
• BURST: Burst Signal Selection
• CPCSTOP: Counter Clock Stopped with RC Compare (Code Label TC_CPCSTOP)
0 = Counter clock is not stopped when counter reaches RC.
1 = Counter clock is stopped when counter reaches RC.
31
30
29
28
27
26
25
24
BSWTRG
BEEVT
BCPC
BCPB
23
22
21
20
19
18
17
16
ASWTRG
AEEVT
ACPC
ACPA
15
14
13
12
11
10
9
8
WAVE = 1
CPCTRG
–
ENETRG
EEVT
EEVTEDG
76
54
32
10
CPCDIS
CPCSTOP
BURST
CLKI
TCCLKS
TCCLKS
Clock Selected
Code Label
TC_CLKS
00
0
MCK/2
TC_CLKS_MCK2
00
1
MCK/8
TC_CLKS_MCK8
01
0
MCK/32
TC_CLKS_MCK32
0
1
1
MCK/128
TC_CLKS_MCK128
1
0
0
MCK/1024
TC_CLKS_MCK1024
10
1
XC0
TC_CLKS_XC0
11
0
XC1
TC_CLKS_XC1
11
1
XC2
TC_CLKS_XC2
BURST
Selected BURST
Code Label
TC_BURST
0
0
The clock is not gated by an external signal.
TC_BURST_NONE
0
1
XC0 is ANDed with the selected clock.
TC_BURST_XC0
1
0
XC1 is ANDed with the selected clock.
TC_BURST_XC1
1
1
XC2 is ANDed with the selected clock.
TC_BURST_XC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com