Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 131 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 127Page - NXP Semiconductors CLRC663 Datasheet HTML 128Page - NXP Semiconductors CLRC663 Datasheet HTML 129Page - NXP Semiconductors CLRC663 Datasheet HTML 130Page - NXP Semiconductors CLRC663 Datasheet HTML 131Page - NXP Semiconductors CLRC663 Datasheet HTML 132Page - NXP Semiconductors CLRC663 Datasheet HTML 133Page - NXP Semiconductors CLRC663 Datasheet HTML 134Page - NXP Semiconductors CLRC663 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
16 Marking
16.1 Marking HVQFN32
Type number
Marking code
CLRC66303HN
Line A
66303
Line B
Diffusion Batch ID, " ", Assembly sequence ID
Line C
contains information about diffusion center (“Z” = SSMC),
assembly center (“S” = ATKH), RHF classification (“D” = dark
green), date code (“718” = YWW) and maturity level (“X” =
engineering samples, “Y” = customer qualification samples,
“1“ = released product)
Table 257. Marking code
aaa-035755
A : 5
B : 5
C : 7
0
5
Figure 43. HVQFN32 Package marking
16.2 Marking VFBGA36
Type number
Marking code
CLRC663A0EV
Line A
6633
Line B
Diffusion Batch ID, Assembly sequence ID
Line C
S, year, week, week, " "
Table 258. Marking code: VFBGA36
aaa-035760
A : 4
B : 5
C : 5
0
5
Figure 44. VFBGA36 Package marking
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
131 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com